Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 143Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 144Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 145Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 146Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 147Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 148Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 149Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 150Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 288 page
background image
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Pulse Width Modulator (PWM)
147
Data Sheet — MC68HC908BD48
Section 11. Pulse Width Modulator (PWM)
11.1 Contents
11.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
11.3
Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
11.4
PWM Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
11.4.1
PWM Data Registers 0 to 15 (0PWM–15PWM). . . . . . . . . 150
11.4.2
PWM Control Registers 1 and 2 (PWMCR1:PWMCR2) . . 151
11.2 Introduction
Sixteen 8-bits PWM channels are available on the MC68HC908BD48.
Channels 0 to 7 are shared with port-B I/O pins under the control of the
PWM control register 1. Channels 8 to 15 are shared with port-A I/O pins
under the control of the PWM control register 2.
11.3 Functional Description
Each 8-bit PWM channel is composed of an 8-bit register which contains
a 5-bit PWM in MSB portion and a 3-bit binary rate multiplier (BRM) in
LSB portion. There are 16 PWM data registers as shown in Table 11-1.
The value programmed in the 5-bit PWM portion will determine the pulse
length of the output. The clock to the 5-bit PWM portion is the system
clock, the repetition rate of the output is hence 187.5KHz at 6MHz clock.
The 3-bit BRM will generate a number of narrow pulses which are
equally distributed among an 8-PWM-cycle frame. The number of pulses
generated is equal to the number programmed in the 3-bit BRM portion.
Examples of the waveforms are shown in Figure 11-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com