Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 147Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 148Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 149Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 150Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 151Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 152Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 153Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 154Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 288 page
background image
Pulse Width Modulator (PWM)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Pulse Width Modulator (PWM)
151
11.4.2 PWM Control Registers 1 and 2 (PWMCR1:PWMCR2)
PWM15E–PWM0E — PWM Output Enable
Setting a bit to 1 will enable the corresponding PWM channel to use
as PWM output. A zero configures the corresponding PWM pin as a
standard I/O port pin. Reset clears these bits.
1 = Port pin configured as PWM output
0 = Port pin configured as standard I/O port pin.
$0028
PWM Control
Register 1
(PWMCR1)
Read:
PWM7E
PWM6E
PWM5E
PWM4E
PWM3E
PWM2E
PWM1E
PWM0E
Write:
$0059
PWM Control
Register 2
(PWMCR2)
Read:
PWM15E PWM14E PWM13E PWM12E PWM11E PWM10E PWM9E
PWM8E
Write:
Reset:
00000000
Figure 11-2. PWM Control Register 1 and 2 (PWMCR1:PWMCR2)
Table 11-2. PWM Channels and Port I/O pins
Port Pin
PWM
Channel
Control
Bit
Port Pin
PWM
Channel
Control
Bit
PTB0
PWM0
PWM0E
PTA0
PWM8
PWM8E
PTB1
PWM1
PWM1E
PTA1
PWM9
PWM9E
PTB2
PWM2
PWM2E
PTA2
PWM10
PWM10E
PTB3
PWM3
PWM3E
PTA3
PWM11
PWM11E
PTB4
PWM4
PWM4E
PTA4
PWM12
PWM12E
PTB5
PWM5
PWM5E
PTA5
PWM13
PWM13E
PTB6
PWM6
PWM6E
PTA6
PWM14
PWM14E
PTB7
PWM7
PWM7E
PTA7
PWM15
PWM15E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com