Electronic Components Datasheet Search
  English  ▼

X  

LTC6090 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6090
Description  High Temperature 1.0A, 35MHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6090 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6090 Datasheet HTML 3Page - Analog Devices LTC6090 Datasheet HTML 4Page - Analog Devices LTC6090 Datasheet HTML 5Page - Analog Devices LTC6090 Datasheet HTML 6Page - Analog Devices LTC6090 Datasheet HTML 7Page - Analog Devices LTC6090 Datasheet HTML 8Page - Analog Devices LTC6090 Datasheet HTML 9Page - Analog Devices LTC6090 Datasheet HTML 10Page - Analog Devices LTC6090 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LT1210X
7
1210Xfa
For more information www.linear.com/LT1210X
Power Supply Rejection Ratio
vs Frequency
Supply Current vs Large-Signal
Output Frequency (No Load)
FREQUENCY (Hz)
20
40
60
70
10k
1M
10M
100M
1210X G19
0
100k
50
30
10
RL = 50
VS = ±15V
RF = RG = 1k
NEGATIVE
POSITIVE
FREQUENCY (Hz)
10k
100
90
80
70
60
50
40
30
20
100k
1M
10M
1210X G20
AV = 2
RL = ∞
VS = ±15V
VOUT = 20VP-P
TYPICAL PERFORMANCE CHARACTERISTICS
3rd Order Intercept vs Frequency
Test Circuit for 3rd Order Intercept
Output Impedance vs Frequency
Output Impedance in Shutdown
vs Frequency
Large-Signal Voltage Gain vs
Frequency
FREQUENCY (Hz)
100
10
1
0.1
0.01
100k
10M
100M
1210X G21
1M
VS = ±15V
IO = 0mA
RSD = 82.5k
RSD = 0
FREQUENCY (Hz)
10k
1k
100
10
1
100k
10M
100M
1210X G22
1M
FREQUENCY (Hz)
18
15
12
9
6
3
0
103
105
107
1210X G23
104
106
108
AV = 4, RL = 10
RF = 680, RG = 220
VS = ±15V, VIN = 5VP-P
FREQUENCY (MHz)
0
2
4
6
8
1210X G22
10
56
54
52
50
48
46
44
42
40
VS = ±15V
RL = 10
RF = 680
RG = 220
–
+
10
LT1210X
1210X TC01
220
680
PO
MEASURE INTERCEPT AT PO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com