Electronic Components Datasheet Search
  English  ▼

X  

LTC6090 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6090
Description  High Temperature 1.0A, 35MHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6090 Datasheet(HTML) 1 Page - Analog Devices

  LTC6090 Datasheet HTML 1Page - Analog Devices LTC6090 Datasheet HTML 2Page - Analog Devices LTC6090 Datasheet HTML 3Page - Analog Devices LTC6090 Datasheet HTML 4Page - Analog Devices LTC6090 Datasheet HTML 5Page - Analog Devices LTC6090 Datasheet HTML 6Page - Analog Devices LTC6090 Datasheet HTML 7Page - Analog Devices LTC6090 Datasheet HTML 8Page - Analog Devices LTC6090 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LT1210X
1
1210Xfa
For more information www.linear.com/LT1210X
TYPICAL APPLICATION
DESCRIPTION
High Temperature 1.0A,
35MHz Current Feedback Amplifier
The LT®1210X is a current feedback amplifier with high
output current and excellent large-signal characteristics.
The combination of high slew rate, 1.0A output drive and
±15V operation enables the device to deliver significant
power at frequencies in the 1MHz to 2MHz range. Short-
circuit protection ensures the device’s ruggedness. The
LT1210X is stable with large capacitive loads, and can
easily supply the large currents required by the capaci-
tive loading. A shutdown feature switches the device
into a high impedance and low supply current mode,
reducing dissipation when the device is not in use. For
lower bandwidth applications, the supply current can be
reduced with a single external resistor.
The LT1210X is a member of a growing series of high
temperature qualified products offered by Analog
Devices. For a complete selection of high temperature
products, please consult our website www.linear.com
The LT1210X is available in the thermally enhanced
TSSOP16-E package for operation with supplies from
±5V up to ±15V. The LT1210X is also available as dice.
Twisted Pair Driver
All registered trademarks and trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n
Extreme High Temperature Operation: –40°C to 175°C
n
1.0A Minimum Output Drive Current
n
35MHz Bandwidth, AV = 2, RL = 10
n
900V/µs Slew Rate, AV = 2, RL = 10
n
High Input Impedance: 10M
n
Wide Supply Range: ±5V to ±15V
n
Shutdown Mode: IS < 200µA
n
Adjustable Supply Current
n
Stable with CL = 10,000pF
n
Available as Dice
n
Available in 16-Lead Thermally Enhanced TSSOP
Package
n
Down-Hole Drilling and Instrumentation
n
Heavy Industrial
n
Avionics
n
High Temperature Environments
n
Cable Drivers
n
Buffers
n
Test Equipment Amplifiers
n
Video Amplifiers
n
ADSL Drivers
Total Harmonic Distortion vs Frequency
–
+
LT1210X
VIN
4.7µF
4.7µF
100nF
1210X TA01
RT
11
2.5W
T1**
845
3
1
274
100nF
SD
15V
–15V
** MIDCOM 671-7783 OR EQUIVALENT
RL
100
2.5W
FREQUENCY (Hz)
1k
–50
–60
–70
–80
–90
–100
10k
100k
1M
1210X TA02
VS = ±15V
VOUT = 20VP-P
AV = 4
RL = 10
RL = 50
RL = 12.5


Similar Part No. - LTC6090

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6090 LINER-LTC6090 Datasheet
537Kb / 24P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
logo
Analog Devices
LTC6090 AD-LTC6090 Datasheet
1Mb / 20P
1.1A, 35MHz Current Feedback Amplifier
Rev. C
LTC6090-5 AD-LTC6090-5 Datasheet
1Mb / 20P
1.1A, 35MHz Current Feedback Amplifier
Rev. C
logo
Linear Technology
LTC6090-5 LINER-LTC6090-5_15 Datasheet
507Kb / 26P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090 LINER-LTC6090_15 Datasheet
507Kb / 26P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
More results

Similar Description - LTC6090

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Linear Technology
LT1210 LINER-LT1210 Datasheet
358Kb / 16P
1.1A, 35MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
logo
Linear Technology
LT1210 LINER-LT1210_06 Datasheet
504Kb / 16P
1.1A, 35MHz Current Feedback Amplifier
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
High-Speed, Current Feedback Operational Amplifier
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
LT1210X AD-LT1210X Datasheet
618Kb / 4P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com