Electronic Components Datasheet Search
  English  ▼

X  

LTC6090 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6090
Description  High Temperature 1.0A, 35MHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6090 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6090 Datasheet HTML 4Page - Analog Devices LTC6090 Datasheet HTML 5Page - Analog Devices LTC6090 Datasheet HTML 6Page - Analog Devices LTC6090 Datasheet HTML 7Page - Analog Devices LTC6090 Datasheet HTML 8Page - Analog Devices LTC6090 Datasheet HTML 9Page - Analog Devices LTC6090 Datasheet HTML 10Page - Analog Devices LTC6090 Datasheet HTML 11Page - Analog Devices LTC6090 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LT1210X
8
1210Xfa
For more information www.linear.com/LT1210X
APPLICATIONS INFORMATION
PIN FUNCTIONS
The LT1210X is a current feedback amplifier with high
output current drive capability. The device is stable with
large capacitive loads and can easily supply the high cur-
rents required by capacitive loads. The amplifier will drive
low impedance loads such as cables with excellent linear-
ity at high frequencies.
Feedback Resistor Selection
The optimum value for the feedback resistors is a function
of the operating conditions of the device, the load imped-
ance and the desired flatness of response. The Typical AC
Performance tables give the values which result in less
than 1dB of peaking for various resistive loads and oper-
ating conditions. If this level of flatness is not required,
a higher bandwidth can be obtained by use of a lower
feedback resistor. The characteristic curves of Bandwidth
vs Supply Voltage indicate feedback resistors for peak-
ing up to 5dB. These curves use a solid line when the
response has less than 1dB of peaking and a dashed line
when the response has 1dB to 5dB of peaking. The curves
stop where the response has more than 5dB of peaking.
For resistive loads, the COMP pin should be left open (see
Capacitive Loads section).
V+ (Pins 1, 8, 9, 16, 17): Positive Supply Voltage. V+ and
V– must be chosen so that 10V ≤ (V+ – V–) < 36V.
NC (Pins 2, 4, 5, 7, 10, 15): No Connection. These pins
are floating, with no internal connection.
OUT (Pin 3): Amplifier Output. The output can source/sink
a minimum of 1A over temperature.
-IN (Pin 6): Inverting Input of Amplifier. Valid input range
is ±12V on ±15V supplies.
+IN (Pin 11): Non-Inverting Input of Amplifier. Valid input
range is ±12V on ±15V supplies.
SHUTDOWN (Pin 12): If the shutdown feature is not
used, the SHUTDOWN pin must be connected to Ground
or V–. The SHUTDOWN pin can be used to either turn
off the biasing for the amplifier, reducing the quiescent
current to less than 200A, or to control the quiescent
current in normal operation. For more information, refer
to the Shutdown/Current Set section in the Applications
Information.
COMP (Pin 13): Adding a 0.01µF capacitor between the
output and the COMP pin greatly reduces peaking when
driving capacitive loads. To disconnect the optional com-
pensation, leave the COMP pin open. For more infor-
mation, refer to the Capacitive Loads section in the
Applications Information.
V– (Pin 14): Negative Supply Voltage. V+ and V– must be
chosen so that 10V ≤ (V+ – V–) < 36V.
Capacitive Loads
The LT1210X includes an optional compensation network
for driving capacitive loads. This network eliminates most
of the output stage peaking associated with capacitive
loads, allowing the frequency response to be flattened.
Figure 1 shows the effect of the network on a 200pF load.
Without the optional compensation, there is a 6dB peak
at 40MHz caused by the effect of the capacitance on the
output stage. Adding a 0.01µF bypass capacitor between
the output and the COMP pins connects the compensation
and greatly reduces the peaking. A lower value feedback
resistor can now be used, resulting in a response which
is flat to ±1dB to 40MHz. The network has the greatest
effect for CL in the range of 0pF to 1000pF. The graphs of
Bandwidth and Feedback Resistance vs Capacitive Load
can be used to select the appropriate value of feedback
resistor. The values shown are for 1dB and 5dB peaking at
a gain of 2 with no resistive load. This is a worst-case con-
dition, as the amplifier is more stable at higher gains and
with some resistive load in parallel with the capacitance.
Also shown is the –3dB bandwidth with the suggested
feedback resistor vs the load capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com