Electronic Components Datasheet Search
  English  ▼

X  

LTC6090 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6090
Description  High Temperature 1.0A, 35MHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6090 Datasheet(HTML) 2 Page - Analog Devices

  LTC6090 Datasheet HTML 1Page - Analog Devices LTC6090 Datasheet HTML 2Page - Analog Devices LTC6090 Datasheet HTML 3Page - Analog Devices LTC6090 Datasheet HTML 4Page - Analog Devices LTC6090 Datasheet HTML 5Page - Analog Devices LTC6090 Datasheet HTML 6Page - Analog Devices LTC6090 Datasheet HTML 7Page - Analog Devices LTC6090 Datasheet HTML 8Page - Analog Devices LTC6090 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT1210X
2
1210Xfa
For more information www.linear.com/LT1210X
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ..................................................... ±18V
Input Current....................................................... ±15mA
Output Short-Circuit Duration
(Note 2) ..........................................Thermally Limited
Operating Temperature Range
LT1210X............................................. –40°C to 175°C
Junction Temperature ........................................ 200°C
Storage Temperature Range ..................–65°C to 200°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
V+
NC
OUT
NC
NC
–IN
NC
V+
V+
NC
V–
COMP
SHUTDOWN
+IN
NC
V+
17
θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD (PIN 17) IS V+. MUST BE SOLDERED TO LARGE COPPER PLANE
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range of –40°C to 175°C, otherwise specifications are at TA = 25°C. VCM = 0V, ±5V ≤ VS ≤ ±15V, pulse tested, VSD = 0V,
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
l
±3
±15
±20
mV
mV
Input Offset Voltage Drift
l
10
µV/°C
IIN+
Noninverting Input Current
l
±2
±5
±20
µA
µA
IIN–
Inverting Input Current
l
±10
±60
±100
µA
µA
en
Input Noise Voltage Density
f = 10kHz, RF = 1k, RG = 10, RS = 0
3.0
nV/√Hz
+in
Input Noise Current Density
f = 10kHz, RF = 1k, RG = 10, RS = 10k
2.0
pA/√Hz
–in
Input Noise Current Density
f = 10kHz, RF = 1k, RG = 10, RS = 10k
40
pA/√Hz
RIN
Input Resistance
VIN = ±12V, VS = ±15V
VIN = ±2V, VS = ±5V
l
l
1.50
0.25
10
5
MΩ
MΩ
CIN
Input Capacitance
VS = ±15V
2
pF
Input Voltage Range
VS = ±15V
VS = ±5V
l
l
±12
±2
±13.5
±3.5
V
V
PIN CONFIGURATION
TUBE
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1210XFE#PBF
LT1210XFE#TRPBF
1210XFE
16-Lead Plastic TSSOP
–40°C to 175°C
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
ORDER INFORMATION http://www.linear.com/product/LT1210X#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com