Electronic Components Datasheet Search
  English  ▼

X  

LTC6090 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC6090
Description  High Temperature 1.0A, 35MHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6090 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC6090 Datasheet HTML 5Page - Analog Devices LTC6090 Datasheet HTML 6Page - Analog Devices LTC6090 Datasheet HTML 7Page - Analog Devices LTC6090 Datasheet HTML 8Page - Analog Devices LTC6090 Datasheet HTML 9Page - Analog Devices LTC6090 Datasheet HTML 10Page - Analog Devices LTC6090 Datasheet HTML 11Page - Analog Devices LTC6090 Datasheet HTML 12Page - Analog Devices LTC6090 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT1210X
9
1210Xfa
For more information www.linear.com/LT1210X
APPLICATIONS INFORMATION
Although the optional compensation works well with
capacitive loads, it simply reduces the bandwidth when
it is connected with resistive loads. For instance, with a
10 load, the bandwidth drops from 35MHz to 26MHz
when the compensation is connected. Hence, the com-
pensation was made optional. To disconnect the optional
compensation, leave the COMP pin open.
Figure 1
FREQUENCY (MHz)
1
–6
–2
2
6
10
10
100
1210X F01
–4
0
4
8
12
14
VS = ±15V
CL = 200pF
RF = 1.5k
COMPENSATION
RF = 3.4k
NO COMPENSATION
RF = 3.4k
COMPENSATION
Shutdown/Current Set
If the shutdown feature is not used, the SHUTDOWN pin
must be connected to ground or V–.
The Shutdown pin can be used to either turn off the bias-
ing for the amplifier, reducing the quiescent current to
less than 200µA, or to control the quiescent current in
normal operation.
The total bias current in the LT1210X is controlled by
the current flowing out of the Shutdown pin. When the
Shutdown pin is open or driven to the positive supply,
the part is shut down. In the shutdown mode, the output
looks like a 70pF capacitor and the supply current is typi-
cally less than 100µA. The Shutdown pin is referenced to
the positive supply through an internal bias circuit (see
the Simplified Schematic). An easy way to force shutdown
is to use open-drain (collector) logic. The circuit shown
in Figure 2 uses a 74C906 buffer to interface between 5V
logic and the LT1210X. The switching time between the
active and shutdown states is about 1µs. A 24kΩ pull-up
resistor speeds up the turn-off time and ensures that the
LT1210X is completely turned off. Because the pin is
referenced to the positive supply, the logic used should
have a breakdown voltage of greater than the positive
supply voltage. No other circuitry is necessary as the
internal circuit limits the Shutdown pin current to about
500µA. Figure 3 shows the resulting waveforms.
For applications where the full bandwidth of the amplifier
is not required, the quiescent current of the device may be
reduced by connecting a resistor from the Shutdown pin
to ground. The quiescent current will be approximately 65
times the current in the Shutdown pin. The voltage across
the resistor in this condition is V+ – 3VBE. For example,
a 82kΩ resistor will set the quiescent supply current to
9mA with VS = ±15V.
The photos in Figures 4a and 4b show the effect of reduc-
ing the quiescent supply current on the large-signal
response. The quiescent current can be reduced to 9mA
in the inverting configuration without much change in
response. In noninverting mode, however, the slew rate
is reduced as the quiescent current is reduced.
Figure 2. Shutdown Interface
–
+
LT1210X
SD
15V
–15V
RF
RG
VIN
5V
24k
ENABLE
VOUT
1210X F02
15V
74C906
Figure 3. Shutdown Operation
AV = 1
RF = 825Ω
RL = 50Ω
RPULL-UP = 24k
VIN = 1VP-P
VS = ±15V
1210X F03
VOUT
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com