Electronic Components Datasheet Search
  English  ▼

X  

LTC6090 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6090
Description  High Temperature 1.0A, 35MHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6090 Datasheet(HTML) 3 Page - Analog Devices

  LTC6090 Datasheet HTML 1Page - Analog Devices LTC6090 Datasheet HTML 2Page - Analog Devices LTC6090 Datasheet HTML 3Page - Analog Devices LTC6090 Datasheet HTML 4Page - Analog Devices LTC6090 Datasheet HTML 5Page - Analog Devices LTC6090 Datasheet HTML 6Page - Analog Devices LTC6090 Datasheet HTML 7Page - Analog Devices LTC6090 Datasheet HTML 8Page - Analog Devices LTC6090 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LT1210X
3
1210Xfa
For more information www.linear.com/LT1210X
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range of –40°C to 175°C, otherwise specifications are at TA = 25°C. VCM = 0V, ±5V ≤ VS ≤ ±15V, pulse tested, VSD = 0V,
unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below the Absolute Maximum rating. Applies to short circuits to ground
only. A short circuit between the output and either supply may permanently
damage the part when operated on supplies greater than ±10V.
Note 3: RSD is connected between the Shutdown pin and ground.
Note 4: Slew rate is measured at ±5V on a ±10V output signal while
operating on ±15V supplies with RF = 1.5kΩ, RG = 1.5kΩ and RL = 400.
Note 5: NTSC composite video with an output level of 2V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±12V
VS = ±5V, VCM = ±2V
l
l
55
50
62
60
dB
dB
Inverting Input Current
Common Mode Rejection
VS = ±15V, VCM = ±12V
VS = ±5V, VCM = ±2V
l
l
0.1
0.1
10
10
µA/V
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
l
60
77
dB
Noninverting Input Current
Power Supply Rejection
VS = ±5V to ±15V
l
30
500
nA/V
Inverting Input Current
Power Supply Rejection
VS = ±5V to ±15V
l
0.7
5
µA/V
AV
Large-Signal Voltage Gain
TA = 25°C, VS = ±15V, VOUT = ±10V,
RL = 10
55
71
dB
VS = ±15V, VOUT = ±5.5V, RL = 10
l
45
68
dB
VS = ±5V, VOUT = ±2V, RL = 10
l
55
68
dB
ROL
Transresistance, ∆VOUT/∆IIN–
TA = 25°C, VS = ±15V, VOUT = ±10V,
RL = 10
100
260
kΩ
VS = ±15V, VOUT = ±5.5V, RL = 10
l
24
200
kΩ
VS = ±5V, VOUT = ±2V, RL = 10
l
75
200
kΩ
VOUT
Maximum Output Voltage Swing
TA = 25°C, VS = ±15V, RL = 10
l
±10.0
±8.5
±11.5
V
V
TA = 25°C, VS = ±5V, RL = 10
l
±2.5
±2.0
±3.0
V
V
IOUT
Maximum Output Current
VS = ±15V, RL = 1
l
1.0
2.0
A
IS
Supply Current
TA = 25°C, VS = ±15V, VSD = 0V
l
35
50
65
mA
mA
Supply Current, RSD = 51k (Note 3)
TA = 25°C, VS = ±15V
15
30
mA
Positive Supply Current, Shutdown
VS = ±15V, VSD = 15V
l
200
µA
Output Leakage Current, Shutdown
VS = ±15V, VSD = 15V
l
10
µA
SR
Slew Rate (Note 4)
TA = 25°C, AV = 2, RL = 400
TA = 25°C, AV = 2, RL = 10
400
900
900
V/µs
V/µs
Differential Gain (Note 5)
VS = ±15V, RF = 750, RG = 750, RL = 15
0.3
%
Differential Phase (Note 5)
VS = ±15V, RF = 750, RG = 750, RL = 15
0.1
DEG
BW
Small-Signal Bandwidth
AV = 2, VS = ±15V, Peaking ≤ 1dB,
RF = RG = 680, RL = 100
55
MHz
AV = 2, VS = ±15V, Peaking ≤ 1dB,
RF = RG = 576, RL = 10
35
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com