Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 59 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 59 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 55Page - Dallas Semiconductor DS2155 Datasheet HTML 56Page - Dallas Semiconductor DS2155 Datasheet HTML 57Page - Dallas Semiconductor DS2155 Datasheet HTML 58Page - Dallas Semiconductor DS2155 Datasheet HTML 59Page - Dallas Semiconductor DS2155 Datasheet HTML 60Page - Dallas Semiconductor DS2155 Datasheet HTML 61Page - Dallas Semiconductor DS2155 Datasheet HTML 62Page - Dallas Semiconductor DS2155 Datasheet HTML 63Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 238 page
background image
DS2155
59 of 238
10.2 Automatic Alarm Generation
The device can be programmed to automatically transmit AIS or remote alarm. When automatic AIS
generation is enabled (E1TCR2.1 = 1), the device monitors the receive-side framer to determine if any of
the following conditions are present: loss-of-receive frame synchronization, AIS alarm (all ones)
reception, or loss-of-receive carrier (or signal). The framer forces either an AIS or remote alarm if any
one or more of these conditions is present.
When automatic RAI generation is enabled (E1TCR2.0 = 1), the framer monitors the receive side to
determine if any of the following conditions are present: loss-of-receive-frame synchronization, AIS
alarm (all ones) reception, loss-of-receive carrier (or signal), or if CRC4 multiframe synchronization
cannot be found within 128ms of FAS synchronization (if CRC4 is enabled). If any one or more of these
conditions is present, then the framer transmits an RAI alarm. RAI generation conforms to ETS 300 011
specifications and a constant remote alarm is transmitted if the DS2155 cannot find CRC4 multiframe
synchronization within 400ms as per G.706.
Note: It is an invalid state to have both automatic AIS generation and automatic remote alarm generation
enabled at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com