Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 71 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 71 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 67Page - Dallas Semiconductor DS2155 Datasheet HTML 68Page - Dallas Semiconductor DS2155 Datasheet HTML 69Page - Dallas Semiconductor DS2155 Datasheet HTML 70Page - Dallas Semiconductor DS2155 Datasheet HTML 71Page - Dallas Semiconductor DS2155 Datasheet HTML 72Page - Dallas Semiconductor DS2155 Datasheet HTML 73Page - Dallas Semiconductor DS2155 Datasheet HTML 74Page - Dallas Semiconductor DS2155 Datasheet HTML 75Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 238 page
background image
DS2155
71 of 238
13.
LOOPBACK CONFIGURATION
Register Name:
LBCR
Register Description:
Loopback Control Register
Register Address:
4Ah
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
LIUC
LLB
RLB
PLB
FLB
Default
0
0
0
0
0
0
0
0
Bit 0/Framer Loopback (FLB). This loopback is useful in testing and debugging applications. In FLB, the
DS2155 loops data from the transmit side back to the receive side. When FLB is enabled, the following occurs:
1) T1 Mode: An unframed all-ones code is transmitted at TPOSO and TNEGO.
E1 Mode: Normal data is transmitted at TPOSO and TNEGO.
2) Data at RPOSI and RNEGI is ignored.
3) All receive-side signals take on timing synchronous with TCLK instead of RCLKI.
Please note that it is not acceptable to have RCLK connected to TCLK during this loopback because this
causes an unstable condition.
0 = loopback disabled
1 = loopback enabled
Bit 1/Payload Loopback (PLB). When PLB is enabled, the following occurs:
1) Data is transmitted from the TPOSO and TNEGO pins synchronous with RCLK instead of TCLK.
2) All the receive side signals continue to operate normally.
3) Data at the TSER, TDATA, and TSIG pins is ignored.
4) The TLCLK signal becomes synchronous with RCLK instead of TCLK.
0 = loopback disabled
1 = loopback enabled
T1 Mode. Normally, this loopback is only enabled when ESF framing is being performed but can also be
enabled in D4 framing applications. In a PLB situation, the DS2155 loops the 192 bits of payload data
(with BPVs corrected) from the receive section back to the transmit section. The FPS framing pattern,
CRC6 calculation, and the FDL bits are not looped back; they are reinserted by the DS2155.
E1 Mode. In a PLB situation, the DS2155 loops the 248 bits of payload data (with BPVs corrected) from
the receive section back to the transmit section. The transmit section modifies the payload as if it was input
at TSER. The FAS word; Si, Sa, and E bits; and CRC4 are not looped back; they are reinserted by the
DS2155.
Bit 2/Remote Loopback (RLB). In this loopback, data input by the RPOSI and RNEGI pins is transmitted back to
the TPOSO and TNEGO pins. Data continues to pass through the receive-side framer of the DS2155 as it would
normally. Data from the transmit-side formatter is ignored. See Figure 3-1 for more details.
0 = loopback disabled
1 = loopback enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com