Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 34 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 34 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 30Page - Dallas Semiconductor DS2155 Datasheet HTML 31Page - Dallas Semiconductor DS2155 Datasheet HTML 32Page - Dallas Semiconductor DS2155 Datasheet HTML 33Page - Dallas Semiconductor DS2155 Datasheet HTML 34Page - Dallas Semiconductor DS2155 Datasheet HTML 35Page - Dallas Semiconductor DS2155 Datasheet HTML 36Page - Dallas Semiconductor DS2155 Datasheet HTML 37Page - Dallas Semiconductor DS2155 Datasheet HTML 38Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 238 page
background image
DS2155
34 of 238
ADDRESS
xxh
R/W
REGISTER NAME
SYMBOL
PAGE
25
R/W
Interrupt Mask Register 8
IMR8
112
26
R/W
Status Register 9
SR9
174
27
R/W
Interrupt Mask Register 9
IMR9
175
28
R/W
Per-Channel Pointer Register
PCPR
43
29
W
Per-Channel Data Register 1
PCDR1
44
2A
W
Per-Channel Data Register 2
PCDR2
44
2B
W
Per-Channel Data Register 3
PCDR3
44
2C
W
Per-Channel Data Register 4
PCDR4
44
2D
R/W
Information Register 4
INFO4
137
2E
R
Information Register 5
INFO5
137
2F
R
Information Register 6
INFO6
137
30
R
Information Register 7
INFO7
60
31
R/W
HDLC #1 Receive Control
H1RC
129
32
R/W
HDLC #2 Receive Control
H2RC
129
33
R/W
E1 Receive Control Register 1
E1RCR1
55
34
R/W
E1 Receive Control Register 2
E1RCR2
56
35
R/W
E1 Transmit Control Register 1
E1TCR1
57
36
R/W
E1 Transmit Control Register 2
E1TCR2
58
37
R/W
BOC Control Register
BOCC
111
38
R/W
Receive Signaling Change-of-State Information 1
RSINFO1
88
39
R/W
Receive Signaling Change-of-State Information 2
RSINFO2
88
3A
R/W
Receive Signaling Change-of-State Information 3
RSINFO3
88
3B
R/W
Receive Signaling Change-of-State Information 4
RSINFO4
88
3C
R/W
Receive Signaling Change-of-State Interrupt Enable 1
RSCSE1
88
3D
R/W
Receive Signaling Change-of-State Interrupt Enable 2
RSCSE2
88
3E
R/W
Receive Signaling Change-of-State Interrupt Enable 3
RSCSE3
88
3F
R/W
Receive Signaling Change-of-State Interrupt Enable 4
RSCSE4
88
40
R/W
Signaling Control Register
SIGCR
85
41
R/W
Error Count Configuration Register
ERCNT
75
42
R
Line Code Violation Count Register 1
LCVCR1
77
43
R
Line Code Violation Count Register 2
LCVCR2
77
44
R
Path Code Violation Count Register 1
PCVCR1
78
45
R
Path Code Violation Count Register 2
PCVCR2
78
46
R
Frames Out-of-Sync Count Register 1
FOSCR1
79
47
R
Frames Out-of-Sync Count Register 2
FOSCR2
79
48
R
E-Bit Count Register 1
EBCR1
80
49
R
E-Bit Count Register 2
EBCR2
80
4A
R/W
Loopback Control Register
LBCR
71
4B
R/W
Per-Channel Loopback Enable Register 1
PCLR1
73
4C
R/W
Per-Channel Loopback Enable Register 2
PCLR2
73
4D
R/W
Per-Channel Loopback Enable Register 3
PCLR3
74
4E
R/W
Per-Channel Loopback Enable Register 4
PCLR4
74
4F
R/W
Elastic Store Control Register
ESCR
105
50
R/W
Transmit Signaling Register 1
TS1
91
51
R/W
Transmit Signaling Register 2
TS2
91
52
R/W
Transmit Signaling Register 3
TS3
91
53
R/W
Transmit Signaling Register 4
TS4
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com