Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 33Page - Dallas Semiconductor DS2155 Datasheet HTML 34Page - Dallas Semiconductor DS2155 Datasheet HTML 35Page - Dallas Semiconductor DS2155 Datasheet HTML 36Page - Dallas Semiconductor DS2155 Datasheet HTML 37Page - Dallas Semiconductor DS2155 Datasheet HTML 38Page - Dallas Semiconductor DS2155 Datasheet HTML 39Page - Dallas Semiconductor DS2155 Datasheet HTML 40Page - Dallas Semiconductor DS2155 Datasheet HTML 41Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 238 page
background image
DS2155
37 of 238
ADDRESS
xxh
R/W
REGISTER NAME
SYMBOL
PAGE
B2
R
Extend System Information Bus Register 1
ESIB1
190
B3
R
Extend System Information Bus Register 2
ESIB2
190
B4
R
Extend System Information Bus Register 3
ESIB3
190
B5
R
Extend System Information Bus Register 4
ESIB4
190
B6
R/W
In-Band Code Control Register
IBCC
164
B7
R/W
Transmit Code Definition Register 1
TCD1
165
B8
R/W
Transmit Code Definition Register 2
TCD2
165
B9
R/W
Receive Up Code Definition Register 1
RUPCD1
166
BA
R/W
Receive Up Code Definition Register 2
RUPCD2
166
BB
R/W
Receive Down Code Definition Register 1
RDNCD1
167
BC
R/W
Receive Down Code Definition Register 2
RDNCD2
167
BD
R/W
In-Band Receive Spare Control Register
RSCC
168
BE
R/W
Receive Spare Code Definition Register 1
RSCD1
169
BF
R/W
Receive Spare Code Definition Register 2
RSCD2
169
C0
R
Receive FDL Register
RFDL
141
C1
R/W
Transmit FDL Register
TFDL
142
C2
R/W
Receive FDL Match Register 1
RFDLM1
141
C3
R/W
Receive FDL Match Register 2
RFDLM2
141
C4
—
Unused
—
—
C5
R/W
Interleave Bus Operation Control Register
IBOC
185
C6
R
Receive Align Frame Register
RAF
114
C7
R
Receive Nonalign Frame Register
RNAF
114
C8
R
Receive Si Align Frame
RSiAF
116
C9
R
Receive Si Nonalign Frame
RSiNAF
117
CA
R
Receive Remote Alarm Bits
RRA
117
CB
R
Receive Sa4 Bits
RSa4
118
CC
R
Receive Sa5 Bits
RSa5
118
CD
R
Receive Sa6 Bits
RSa6
119
CE
R
Receive Sa7 Bits
RSa7
119
CF
R
Receive Sa8 Bits
RSa8
120
D0
R/W
Transmit Align Frame Register
TAF
115
D1
R/W
Transmit Nonalign Frame Register
TNAF
115
D2
R/W
Transmit Si Align Frame
TSiAF
120
D3
R/W
Transmit Si Nonalign Frame
TSiNAF
121
D4
R/W
Transmit Remote Alarm Bits
TRA
121
D5
R/W
Transmit Sa4 Bits
TSa4
122
D6
R/W
Transmit Sa5 Bits
TSa5
122
D7
R/W
Transmit Sa6 Bits
TSa6
123
D8
R/W
Transmit Sa7 Bits
TSa7
123
D9
R/W
Transmit Sa8 Bits
TSa8
124
DA
R/W
Transmit Sa Bit Control Register
TSACR
125
DB
R/W
BERT Alternating Word Count Rate
BAWC
175
DC
R/W
BERT Repetitive Pattern Set Register 1
BRP1
176
DD
R/W
BERT Repetitive Pattern Set Register 2
BRP2
176
DE
R/W
BERT Repetitive Pattern Set Register 3
BRP3
176
DF
R/W
BERT Repetitive Pattern Set Register 4
BRP4
176
E0
R/W
BERT Control Register 1
BC1
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com