Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 116 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 116 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 112Page - Dallas Semiconductor DS2155 Datasheet HTML 113Page - Dallas Semiconductor DS2155 Datasheet HTML 114Page - Dallas Semiconductor DS2155 Datasheet HTML 115Page - Dallas Semiconductor DS2155 Datasheet HTML 116Page - Dallas Semiconductor DS2155 Datasheet HTML 117Page - Dallas Semiconductor DS2155 Datasheet HTML 118Page - Dallas Semiconductor DS2155 Datasheet HTML 119Page - Dallas Semiconductor DS2155 Datasheet HTML 120Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 238 page
background image
DS2155
116 of 238
22.3 Method 3: Internal Register Scheme Based on CRC4 Multiframe
The receive side contains a set of eight registers (RSiAF, RSiNAF, RRA, and RSa4–RSa8) that report the
Si and Sa bits as they are received. These registers are updated with the setting of the receive CRC4
multiframe bit in Status Register 2 (SR4.1). The host can use the SR4.1 bit to know when to read these
registers. The user has 2ms to retrieve the data before it is lost. The MSB of each register is the first
received. See the following register descriptions for more details.
The transmit side also contains a set of eight registers (TSiAF, TSiNAF, TRA, and TSa4–TSa8) that,
through the transmit Sa bit control register (TSaCR), can be programmed to insert Si and Sa data. Data is
sampled from these registers with the setting of the transmit multiframe bit in Status Register 2 (SR4.4).
The host can use the SR4.4 bit to know when to update these registers. It has 2ms to update the data or
else the old data is retransmitted. The MSB of each register is the first bit transmitted. See the following
register descriptions for more details.
Register Name:
RSiAF
Register Description:
Received Si Bits of the Align Frame
Register Address:
C8h
Bit #
7
6
5
4
3
2
1
0
Name
SiF0
SiF2
SiF4
SiF6
SiF8
SiF10
SiF12
SiF14
Default
0
0
0
0
0
0
0
0
Bit 0/Si Bit of Frame 14 (SiF14)
Bit 1/Si Bit of Frame 12 (SiF12)
Bit 2/Si Bit of Frame 10 (SiF10)
Bit 3/Si Bit of Frame 8 (SiF8)
Bit 4/Si Bit of Frame 6 (SiF6)
Bit 5/Si Bit of Frame 4 (SiF4)
Bit 6/Si Bit of Frame 2 (SiF2)
Bit 7/Si Bit of Frame 0 (SiF0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com