Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 137 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 137 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 133Page - Dallas Semiconductor DS2155 Datasheet HTML 134Page - Dallas Semiconductor DS2155 Datasheet HTML 135Page - Dallas Semiconductor DS2155 Datasheet HTML 136Page - Dallas Semiconductor DS2155 Datasheet HTML 137Page - Dallas Semiconductor DS2155 Datasheet HTML 138Page - Dallas Semiconductor DS2155 Datasheet HTML 139Page - Dallas Semiconductor DS2155 Datasheet HTML 140Page - Dallas Semiconductor DS2155 Datasheet HTML 141Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 238 page
background image
DS2155
137 of 238
Register Name:
INFO5, INFO6
Register Description:
HDLC #1 Information Register
HDLC #2 Information Register
Register Address:
2Eh, 2Fh
Bit #
7
6
5
4
3
2
1
0
Name
—
—
TEMPTY
TFULL
REMPTY
PS2
PS1
PS0
Default
0
0
0
0
0
0
0
0
Bits 0 to 2/Receive Packet Status (PS0 to PS2). These are real-time bits indicating the status as of the last read of
the receive FIFO.
PS2
PS1
PS0
Packet Status
0
0
0
In Progress
0
0
1
Packet OK: Packet ended with correct CRC codeword
0
1
0
CRC Error: A closing flag was detected, preceded by a corrupt CRC
codeword
0
1
1
Abort: Packet ended because an abort signal was detected (seven or
more 1s in a row).
1
0
0
Overrun: HDLC controller terminated reception of packet because
receive FIFO is full.
Bit 3/Receive FIFO Empty (REMPTY). A real-time bit that is set high when the receive FIFO is empty.
Bit 4/Transmit FIFO Full (TFULL). A real-time bit that is set high when the FIFO is full.
Bit 5/Transmit FIFO Empty (TEMPTY). A real-time bit that is set high when the FIFO is empty.
Register Name:
INFO4
Register Description:
HDLC Event Information Register #4
Register Address:
2Dh
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
H2UDR
H2OBT
H1UDR
H1OBT
Default
0
0
0
0
0
0
0
0
Bit 0/HDLC #1 Opening Byte Event (H1OBT). Set when the next byte available in the receive FIFO is the first
byte of a message.
Bit 1/HDLC #1 Transmit FIFO Underrun Event (H1UDR). Set when the transmit FIFO empties out without
having seen the TMEND bit set. An abort is automatically sent. This bit is latched and is cleared when read.
Bit 2/HDLC #2 Opening Byte Event (H2OBT). Set when the next byte available in the receive FIFO is the first
byte of a message.
Bit 3/HDLC #2 Transmit FIFO Underrun Event (H2UDR). Set when the transmit FIFO empties out without
having seen the TMEND bit set. An abort is automatically sent. This bit is latched and is cleared when read
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com