Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 157 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 157 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 153Page - Dallas Semiconductor DS2155 Datasheet HTML 154Page - Dallas Semiconductor DS2155 Datasheet HTML 155Page - Dallas Semiconductor DS2155 Datasheet HTML 156Page - Dallas Semiconductor DS2155 Datasheet HTML 157Page - Dallas Semiconductor DS2155 Datasheet HTML 158Page - Dallas Semiconductor DS2155 Datasheet HTML 159Page - Dallas Semiconductor DS2155 Datasheet HTML 160Page - Dallas Semiconductor DS2155 Datasheet HTML 161Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 238 page
background image
DS2155
157 of 238
Figure 24-4. Software-Selected Termination, Longitudinal Protection
T2
2:1
TTIP
DVSS
Dallas Semiconductor
T1/E1/J1 SCT or LIU
S2
F1
F2
TRING
DVDD
TVSS
TVDD
RVSS
RVDD
0.01
µF2
0.1
µF 2
0.1
µF 2
0.1
µF 2
VCC
68
µF2
VCC
RTIP
RRING
VCC
60
Ω
60
Ω
1:1
S1
0.1
µF
S3
S4
S7
T1
1.0
µF
F3
F4
S5
S6
S8
T3 1
T4 1
1 Choke is optional but should be included when necessary f or common mode noise reduction.
2 Decoupling capacitors need to be placed near dev ice power pins
Design Notes:
100/110/120
Ω
Tw isted Pair
100/110/120
Ω
Tw isted Pair
Table 24-B. Component List (Software-Selected Termination, Longitudinal
Protection)
NAME
DESCRIPTION
F1 to F4
1.25A slow blow fuse
S1 and S2
25V (max) transient suppressor
S3, S4, S5, S6
180V (max) transient suppressor
S7 and S8
40V (max) transient suppressor
T1 and T2
Transformer 1:1CT and 1:2CT (3.3V, SMT)
T3 and T4
Dual common-mode choke (SMT)
Note 1:
T3 and T4 are optional. For more information, contact the Telecom Support Group at
telecom.support@dalsemi.com.
Note 2:
A list of alternate transformer part numbers and manufacturers is available at
telecom.support@dalsemi.com.
Note 3:
The layout from the transformers to the network interface is critical. Traces should be at least 25
mils wide and separated from other circuit lines by at least 150 mils. The area under this portion
of the circuit should not contain power planes.
Note 4:
Some T1 (never in E1) applications source or sink power from the network-side center taps of
the Rx/Tx transformers.
Note 5:
The ground trace connected to the S2/S3 pair and the S4/S5 pair should be at least 50 mils wide
to conduct the extra current from a longitudinal power-cross event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com