| Electronic Components Datasheet Search |
|
DS2155 Datasheet(PDF) 166 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2155 Datasheet(HTML) 166 Page - Dallas Semiconductor |
|
166 / 238 page ![]() DS2155 166 of 238 Register Name: RUPCD1 Register Description: Receive Up-Code Definition Register 1 Register Address: B9h Bit # 7 6 5 4 3 2 1 0 Name C7 C6 C5 C4 C3 C2 C1 C0 Default 0 0 0 0 0 0 0 0 Note: Writing this register resets the detector’s integration period. Bit 0/Receive Up-Code Definition Bits 0 (C0). A don’t care if a 1-bit to 7-bit length is selected. Bit 1/Receive Up-Code Definition Bit 1 (C1). A don’t care if a 1-bit to 6-bit length is selected. Bit 2/Receive Up-Code Definition Bit 2 (C2). A don’t care if a 1-bit to 5-bit length is selected. Bit 3/Receive Up-Code Definition Bit 3 (C3). A don’t care if a 1-bit to 4-bit length is selected. Bit 4/Receive Up-Code Definition Bit 4 (C4). A don’t care if a 1-bit to 3-bit length is selected. Bit 5/Receive Up-Code Definition Bit 5 (C5). A don’t care if a 1-bit or 2-bit length is selected. Bit 6/Receive Up-Code Definition Bit 6 (C6). A don’t care if a 1-bit length is selected. Bit 7/Receive Up-Code Definition Bit 7 (C7). First bit of the repeating pattern. Register Name: RUPCD2 Register Description: Receive Up-Code Definition Register 2 Register Address: BAh Bit # 7 6 5 4 3 2 1 0 Name C7 C6 C5 C4 C3 C2 C1 C0 Default 0 0 0 0 0 0 0 0 Bits 0–7/Receive Up-Code Definition Bits 0–7 (C0–C7). A don’t care if a 1-bit to 7-bit length is selected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |