Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 180 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 180 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 176Page - Dallas Semiconductor DS2155 Datasheet HTML 177Page - Dallas Semiconductor DS2155 Datasheet HTML 178Page - Dallas Semiconductor DS2155 Datasheet HTML 179Page - Dallas Semiconductor DS2155 Datasheet HTML 180Page - Dallas Semiconductor DS2155 Datasheet HTML 181Page - Dallas Semiconductor DS2155 Datasheet HTML 182Page - Dallas Semiconductor DS2155 Datasheet HTML 183Page - Dallas Semiconductor DS2155 Datasheet HTML 184Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 238 page
background image
DS2155
180 of 238
27.
PAYLOAD ERROR-INSERTION FUNCTION (T1 MODE ONLY)
An error-insertion function is available in the DS2155 and is used to create errors in the payload portion
of the T1 frame in the transmit path. This function is only available in T1 mode. Errors can be inserted
over the entire frame or the user can select which channels are to be corrupted. Errors are created by
inverting the last bit in the count sequence. For example, if the error rate 1 in 16 is selected, the 16th bit is
inverted. F-bits are excluded from the count and are never corrupted. Error rate changes occur on frame
boundaries. Error-insertion options include continuous and absolute number with both options supporting
selectable insertion rates.
Table 27-A. Transmit Error-Insertion Setup Sequence
STEP
ACTION
1
Enter desired error rate in the ERC register. Note: If ER3 through ER0 = 0, no errors
are generated even if the constant error-insertion feature is enabled.
2A
or
2B
For constant error insertion, set CE = 1 (ERC.4).
For a defined number of errors:
–
Set CE = 0 (ERC.4)
–
Load NOE1 and NOE2 with the number of errors to be inserted
–
Toggle WNOE (ERC.7) from 0 to 1 to begin error insertion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com