Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 191 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 191 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 187Page - Dallas Semiconductor DS2155 Datasheet HTML 188Page - Dallas Semiconductor DS2155 Datasheet HTML 189Page - Dallas Semiconductor DS2155 Datasheet HTML 190Page - Dallas Semiconductor DS2155 Datasheet HTML 191Page - Dallas Semiconductor DS2155 Datasheet HTML 192Page - Dallas Semiconductor DS2155 Datasheet HTML 193Page - Dallas Semiconductor DS2155 Datasheet HTML 194Page - Dallas Semiconductor DS2155 Datasheet HTML 195Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 238 page
background image
DS2155
191 of 238
30.
PROGRAMMABLE BACKPLANE CLOCK SYNTHESIZER
The DS2155 contains an on-chip clock synthesizer that generates a user-selectable clock output on the
BPCLK pin, referenced to the recovered receive clock (RCLK). The synthesizer uses a phase-locked loop
to generate low-jitter clocks. Common applications include generation of port and backplane system
clocks. The CCR2 register is used to enable (CCR2.0) and select (CCR2.1 and CCR2.2) the clock
frequency of the BPCLK pin.
Register Name:
CCR2
Register Description:
Common Control Register 2
Register Address:
71h
Bit #
7
6
5
4
3
2
1
0
Name
BPCS1
BPCS0
BPEN
Default
0
0
0
0
0
0
0
0
Bit 0/Backplane Clock Enable (BPEN)
0 = disable BPCLK pin (pin held at logic 0)
1 = enable BPCLK pin
Bits 1, 2/Backplane Clock Selects (BPCS0, BPCS1)
BPCS1
BPCS0
BPCLK Frequency (MHz)
0
0
16.384
0
1
8.192
1
0
4.096
1
1
2.048
Bits 3 to 7/ Unused, must be set to 0 for proper operation
31.
FRACTIONAL T1/E1 SUPPORT
The DS2155 can be programmed to output gapped clocks for selected channels in the receive and
transmit paths to simplify connections into a USART or LAPD controller in fractional T1/E1 or ISDN-
PRI applications. The receive and transmit paths have independent enables. Channel formats supported
include 56kbps and 64kbps. This is accomplished by assigning an alternate function to the RCHCLK and
TCHCLK pins. Setting CCR3.0 = 1 causes the RCHCLK pin to output a gapped clock as defined by the
receive fractional T1/E1 function of the PCPR register. Setting CCR3.2 = 1 causes the TCHCLK pin to
output a gapped clock as defined by the transmit fractional T1/E1 function of the PCPR register. CCR3.1
and CCR3.3 can be used to select between 64kbps and 56kbps operation. See Section 7 for details about
programming the per-channel function. In T1 mode no clock is generated at the F-bit position.
When 56kbps mode is selected, the LSB clock in the channel is omitted. Only the seven most significant
bits of the channel have clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com