Electronic Components Datasheet Search
  English  ▼

X  

CDCE949 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCE949 Datasheet HTML 8Page - Texas Instruments CDCE949 Datasheet HTML 9Page - Texas Instruments CDCE949 Datasheet HTML 10Page - Texas Instruments CDCE949 Datasheet HTML 11Page - Texas Instruments CDCE949 Datasheet HTML 12Page - Texas Instruments CDCE949 Datasheet HTML 13Page - Texas Instruments CDCE949 Datasheet HTML 14Page - Texas Instruments CDCE949 Datasheet HTML 15Page - Texas Instruments CDCE949 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Generic Programming Sequence
1
7
1
1
8
1
1
S
Slave Address
A
DataByte
A
P
MSB
LSB
MSB
LSB
S
StartCondition
Sr
RepeatedStartCondition
1=Read(Rd)fromCDCE9xxdevice;0=Write(Wr)totheCDCE9xxx
A
Acknowledg(ACK=0andNACK=1)
P
StopCondition
MastertoSlave Transmission
SlavetoMaster Transmission
R/W
R/W
Byte Write Programming Sequence
1
7
1
1
8
1
1
1
S
Slave Address
Wr
A
A
A
P
DataByte
CommandCode
8
Byte Read Programming Sequence
1
7
1
1
1
1
1
1
S
Slave Address
Wr
A
A
S
Rd
A
8
1
1
DataByte
A
P
CommandCode
8
7
Slave Address
Block Write Programming Sequence
1
7
1
1
1
1
S
Slave Address
Wr
A
A
A
8
1
1
1
1
DataByte0
A
A
A
P
8
DataByteN-1
…
8
DataByte1
8
CommandCode
ByteCount=N
8
CDCE949
CDCEL949
SCAS844 – JUNE 2007
Table 6. Command Code Definition
BIT
DESCRIPTION
0 = Block Read or Block Write operation
7
1 = Byte Read or Byte Write operation
(6:0)
Byte Offset for Byte Read, Block Read, Byte Write and Block Write operation.
Figure 7. Generic Programming Sequence
Figure 8. Byte Write Protocol
Figure 9. Byte Read Protocol
NOTE: Data Byte 0 Bits [7:0] is reserved for Revision Code and Vendor Identification. Also it is used for internal test purpose
and should not be overwritten.
Figure 10. Block Write Programming
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com