Electronic Components Datasheet Search
  English  ▼

X  

CDCE949 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CDCE949 Datasheet HTML 22Page - Texas Instruments CDCE949 Datasheet HTML 23Page - Texas Instruments CDCE949 Datasheet HTML 24Page - Texas Instruments CDCE949 Datasheet HTML 25Page - Texas Instruments CDCE949 Datasheet HTML 26Page - Texas Instruments CDCE949 Datasheet HTML 27Page - Texas Instruments CDCE949 Datasheet HTML 28Page - Texas Instruments CDCE949 Datasheet HTML 29Page - Texas Instruments CDCE949 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
HISTORY
CDCE949
CDCEL949
SCAS844 – JUNE 2007
Data sheet
Modified by
Date
Modified Content
Revision
0.10
Georg Becke
18, May 2006
Created initial Specification;
0.11
Georg Becke
26, May 2006
Added updates according the Spec’ Review Meeting held 5/19/2006;
0.20
Georg Becke
31, May 2006
Version for Plan-DPR;
0.21
Georg Becke
9, Jun 2006
Updated SDA/SCL 2-wire interface specification; block-diagrams, pin-assignments
register configuration bitmap; control terminal pin descriptions;
0.22
Georg Becke
20, Jul 2006
Updated control register setting; change pull-up value of S0, S1, S2 to 500Kohm to be
conform with I2C spec’; updated Register Configuration Bitmap; added default device
configuration;
0.25
Georg Becke
24, Jul 2006
Created CDCE949 datasheet from CDCE9xx version 0.22;
0.26
Georg Becke
28, Jul 2006
Added SDA/SCL Configuration Register definition and bit assignment;
0.27
Georg Becke
15, Sep 2006
Added low/high-speed VCO mode to configuration register (2-bit = 4 options); added
CDCEL949; modified Configuration Register; updated address bits and PLL dividers in
conf reg.; added 50 Ohm termination load;
0.28
Georg Becke
25, Oct 2006
Add 1.8V outputs to head-line; updated Iil for S0/1/2 to -4uA; modified configuration
registers and changed “acronym” to be more readable; re-arranged bits/bytes in
generic configuration register; added PLL frequency calculation; described that
EELOCK and SPICON is valid only if written into the EEPROM; changed block
diagrams to show “EEPROM-Block”;
0.29
Georg Becke
21, Nov 2006
Added 500K pull-up to SDA/SCL input; added div-by-0 (=reset) to post-dividers
function; corrected calculation of “R” for 30-bit PLL divider; corrected default setting for
Yn on page 12; change order of freq-select and SSC-select in the tables (ETC
request)
→ no change in Control registers; add 1 bit for E vs EL identification; made
some word adjustment to some text sections;
0.30
Georg Becke
8, Dec 2006
Added “not write beyond 50h” (note 1); added CL description (note 8); change note 9
– EEWRITE; modified Yx default setting; added Vdd pin 13 to Terminal Functions;
added “not overwrite” to reserved bits; changed acronyms for Yx_STy;
0.31
Georg Becke
19, Dec 2006
Updated first three pages; forwarded version 0.31 to TIS;
0.32
Georg Becke
15. Feb 2007
General Update at feature block, terminal function, Vi, X-tal-Spec, SDA-Hold-time,
Ctrl-terminal Register, bit-map description (generic, PLL1, PLL2, PLL3, PLL4), load
cap drawing and relevant note, PLL frequency calculation
0.33
Georg Becke
11. Apr 2007
Added "Block Read" comment; changed slave adr bits;
0.4
Georg Becke
11. May 2007
Char&ATE Review
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com