Electronic Components Datasheet Search
  English  ▼

X  

CDCE949 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCE949 Datasheet HTML 11Page - Texas Instruments CDCE949 Datasheet HTML 12Page - Texas Instruments CDCE949 Datasheet HTML 13Page - Texas Instruments CDCE949 Datasheet HTML 14Page - Texas Instruments CDCE949 Datasheet HTML 15Page - Texas Instruments CDCE949 Datasheet HTML 16Page - Texas Instruments CDCE949 Datasheet HTML 17Page - Texas Instruments CDCE949 Datasheet HTML 18Page - Texas Instruments CDCE949 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Xin
Xout
Vctr
VCXO
XO
20pF
20pF
i.e.
XCSEL =10pF
CDCE949
CDCEL949
SCAS844 – JUNE 2007
Table 9. Generic Configuration Register
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
00h
7
E_EL
xb
Device Identification (read only): ‘1’ is CDCE949 (3.3V), ‘0’ is CDCEL949 (1.8V)
6:4
RID
0h
Revision Identification Number (read only)
3:0
VID
1h
Vendor Identification Number (read only)
01h
7
–
0b
Reserved - always write 0
EEPROM Programming
0 – EEPROM programming is completed
6
EEPIP
0b
Status(4): (read only)
1 – EEPROM is in programming mode
Permanently Lock EEPROM
0 – EEPROM is not locked
5
EELOCK
0b
Data(5):
1 – EEPROM will be permanently locked
Device power down (overwrites S0/S1/S2 setting; configuration register settings are unchanged)
4
PWDN
0b
0 – device active (all PLLs and all outputs are enabled)
1 – device power down (all PLLs in power down and all outputs in 3-State)
Input clock selection:
00 – X-tal
10 – LVCMOS
3:2
INCLK
00b
01 – VCXO
11 – reserved
1:0
SLAVE_ADR
00b
Programmable Address Bits A0 and A1 of the Slave Receiver Address
02h
Clock source selection for output Y1:
0 – input clock
7
M1
1b
1 – PLL1 clock
Operation mode selection for pin 22/23(6)
6
SPICON
0b
0 – serial programming interface SDA (pin 23) and SCL (pin 22)
1 – control pins S1 (pin 23) and S2 (pin 22)
5:4
Y1_ST1
11b
Y1-State0/1 Definition (applies to Y1_ST1 and Y1_ST0)
00 – device power down (all PLLs in power down and all outputs in 3-state)
01 – Y1 disabled to 3-state
3:2
Y1_ST0
01b
10 – Y1 disabled to low
11 – Y1 enabled (normal operation)
1:0
Pdiv1 [9:8]
10-Bit Y1-Output-Divider Pdiv1:
0 – divider reset and stand-by
001h
1-to-1023 – divider value
03h
7:0
Pdiv1 [7:0]
04h
7
Y1_7
0b
Y1_x State Selection(7)
6
Y1_6
0b
0 – State0 (predefined by Y1-State0 Definition [Y1_ST0])
1 – State1 (predefined by Y1-State1 Definition [Y1_ST1])
5
Y1_5
0b
4
Y1_4
0b
3
Y1_3
0b
2
Y1_2
0b
1
Y1_1
1b
0
Y1_0
0b
05h
Crystal load capacitor
00h
→ 0 pF
selection(8):
01h
→ 1 pF
02h
→ 2 pF
7:3
XCSEL
0Ah
14h-to-1Fh
→ 20 pF
2:0
—
0b
Reserved - do not write others than 0
(1)
Writing data beyond ‘50h’ may adversely affect device function.
(2)
All data is transferred MSB-first.
(3)
Unless custom setting is used.
(4)
During EEPROM programming, no data is allowed to be sent to the device via the SDA/SCL bus until the programming sequence is
completed. Data, however, can be read during the programming sequence (Byte Read or Block Read).
(5)
If this bit is set high in the EEPROM, the actual data in the EEPROM is permanently locked, and no further programming is possible.
Data, however can still be written via SDA/SCL bus to the internal register to change device function on the fly. But new data can no
longer be saved to the EEPROM. EELOCK is effective only if written into the EEPROM
(6)
Selection of control-pins is effective only if written into the EEPROM. Once written into the EEPROM, the serial programming pins are
no longer available. However, if VDDOUT is forced to GND, the two control-pins, S1 and S2, temporally act as serial programming pins
(SDA/SCL), and the two slave receiver address bits are reset to A0 = 0 and A1 = 0.
(7)
These are the bits of the Control Terminal Register. The user can pre-define up to eight different control settings. These settings can
then be selected by the external control pins, S0, S1, and S2.
(8)
The internal load capacitor (C1, C2) must be used to achieve the best clock performance. External capacitors should be used only to do
a fine adjustment of CL by few pF. The value of CL can be programmed with a resolution of 1 pF for a total crystal load range of 0 pF to
20 pF. For CL > 20 pF use additional external capacitors. Also, the device input capacitance must be considered; this adds 1.5 pF
(6pF//2pF) to the selected CL. For more information about VCXO configuration and crystal recommendations, see application report
SCAA085
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com