Electronic Components Datasheet Search
  English  ▼

X  

CDCE949 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCE949 Datasheet HTML 19Page - Texas Instruments CDCE949 Datasheet HTML 20Page - Texas Instruments CDCE949 Datasheet HTML 21Page - Texas Instruments CDCE949 Datasheet HTML 22Page - Texas Instruments CDCE949 Datasheet HTML 23Page - Texas Instruments CDCE949 Datasheet HTML 24Page - Texas Instruments CDCE949 Datasheet HTML 25Page - Texas Instruments CDCE949 Datasheet HTML 26Page - Texas Instruments CDCE949 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
CDCE949
CDCEL949
SCAS844 – JUNE 2007
Table 13. PLL4 Configuration Register
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
40h
7:5
SSC4_7 [2:0]
000b
SSC4: PLL4 SSC Selection (Modulation Amount)(4)
4:2
SSC4_6 [2:0]
000b
Down
Center
000 (off)
000 (off)
1:0
SSC4_5 [2:1]
001 – 0.25%
001
± 0.25%
000b
010 – 0.5%
010
± 0.5%
41h
7
SSC4_5 [0]
011 – 0.75%
011
± 0.75%
6:4
SSC4_4 [2:0]
000b
100 – 1.0%
100
± 1.0%
101 – 1.25%
101
± 1.25%
3:1
SSC4_3 [2:0]
000b
110 – 1.5%
110
± 1.5%
0
SSC4_2 [2]
111 – 2.0%
111
± 2.0%
000b
42h
7:6
SSC4_2 [1:0]
5:3
SSC4_1 [2:0]
000b
2:0
SSC4_0 [2:0]
000b
43h
7
FS4_7
0b
FS4_x: PLL4 Frequency Selection(4)
6
FS4_6
0b
0 – fVCO4_0 (predefined by PLL4_0 – Multiplier/Divider value)
1 – fVCO4_1 (predefined by PLL4_1 – Multiplier/Divider value)
5
FS4_5
0b
4
FS4_4
0b
3
FS4_3
0b
2
FS4_2
0b
1
FS4_1
0b
0
FS4_0
0b
44h
PLL4 Multiplexer:
0 – PLL4
7
MUX4
1b
1 – PLL4 Bypass (PLL4 is in power down)
Output Y8 Multiplexer:
0 – Pdiv6
6
M8
1b
1 – Pdiv8
Output Y9 Multiplexer:
00 – Pdiv6-Divider
01 – Pdiv8-Divider
5:4
M9
10b
10 – Pdiv9-Divider
11 – reserved
3:2
Y8Y9_ST1
11b
Y8,
00 – Y8/Y9 disabled to 3-State (PLL4 is in power down)
Y9-State0/1definition:
01 – Y8/Y9 disabled to 3-State (PLL4 on)
10 –Y8/Y9 disabled to low (PLL4 on)
1:0
Y8Y9_ST0
01b
11 – Y8/Y9 enabled (normal operation, PLL4 on)
45h
7
Y8Y9_7
0b
Y8Y9_x Output State Selection(4)
6
Y8Y9_6
0b
0 – state0 (predefined by Y8Y9_ST0)
1 – state1 (predefined by Y8Y9_ST1)
5
Y8Y9_5
0b
4
Y8Y9_4
0b
3
Y8Y9_3
0b
2
Y8Y9_2
0b
1
Y8Y9_1
1b
0
Y8Y9_0
0b
46h
PLL4 SSC down/center selection:
0 – down
7
SSC4DC
0b
1 – center
7-Bit Y8-Output-Divider Pdiv8:
0 – reset and stand-by
6:0
Pdiv8
01h
1-to-127 – divider value
47h
7
—
0b
Reserved – do not write others than 0
7-Bit Y9-Output-Divider Pdiv9:
0 – reset and stand-by
6:0
Pdiv9
01h
1-to-127 – divider value
(1)
Writing data beyond 50h may adversely affect device function.
(2)
All data is transferred MSB-first.
(3)
Unless a custom setting is used
(4)
The user can pre-define up to eight different control settings. In normal device operation, these settings can be selected by the external
control pins, S0, S1, and S2.
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com