Electronic Components Datasheet Search
  English  ▼

X  

TDA9178 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 5Page - NXP Semiconductors TDA9178 Datasheet HTML 6Page - NXP Semiconductors TDA9178 Datasheet HTML 7Page - NXP Semiconductors TDA9178 Datasheet HTML 8Page - NXP Semiconductors TDA9178 Datasheet HTML 9Page - NXP Semiconductors TDA9178 Datasheet HTML 10Page - NXP Semiconductors TDA9178 Datasheet HTML 11Page - NXP Semiconductors TDA9178 Datasheet HTML 12Page - NXP Semiconductors TDA9178 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1999 Sep 24
9
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
SKIN TONE CORRECTION
Skin tones are very sensitive for transmission (hue) errors,
because we have an absolute feeling for skin tones.
To make a picture look free of hue error, the goal is to
make sure that skin tones are put at a correct colour.
The dynamic skin tone correction circuit achieves this goal
by instantaneously and locally changing the hue of those
colours which are located in the area in the UV plane that
matches skin tones (see Fig.4).
The correction is dependent on luminance, saturation and
distance to the preferred axis and can be done towards
two different angles. The preferred angle can be chosen by
bit ASK in the I2C-bus settings. The settings are
123
° (ASK = 0) and 117° (ASK = 1). The enclosed
correction area can be increased to 140% with the I2C-bus
bit SSK (so-called: Size). The enclosed detection ‘angle’ of
the correcting area can be increased to 160% with the
I2C-bus bit WSK (so-called: Width). The skin tone
correction can be switched on or off with the I2C-bus
bit DSK.
GREEN ENHANCEMENT
The green enhancement circuit (see Fig.5) is intended to
shift low saturated green colours towards more saturated
green colours. This shift is achieved by instantaneously
and locally changing those colours which are located in the
area in the UV plane that matches low saturated green.
The saturation shift is dependent on the luminance,
saturation and distance to the detection axis of 208
°.
The direction of shift in the colour is fixed by hardware.
The amount of green enhancement can be increased to
160% by the I2C-bus bit GGR. The enclosed detection
‘angle’ of the correcting area can be increased to 160%
with the I2C-bus bit WGR (so-called: Width). The enclosed
correction area can be increased to 140% with the I2C-bus
bit SGR (so-called: Size). The green enhancement can be
switched on or switched off with the I2C-bus bit DGR.
BLUE STRETCH
The blue stretch circuit (see Fig.6) is intended to shift
colours near white towards more blueish coloured white to
give a brighter impression. This shift is achieved by
instantaneously and locally changing those colours which
are located in the area in the UV plane that matches
colours near white. The shift is dependent on the
luminance and saturation. The direction of shift (towards
an angle of 330
°) in the colour is fixed by hardware.
The amount of blue stretch can be increased to 160% by
the I2C-bus bit GBL.
The enclosed correction area can be increased to 140% by
the I2C-bus bit SBL (so-called: Size). The blue stretch can
be switched on or off by the I2C-bus bit DBL.
SATURATION CORRECTION
The non-linear luminance processing done by the
histogram modification and variable gamma, influences
the colour reproduction; mainly the colour saturation.
Therefore, the U and V signals are linear processed for
saturation compensation.
Noise measuring
A video line which is supposed to be free from video
information (‘empty line’) is used to measure the amount of
noise. The measured RMS value of the noise can be used
for reducing several features, by the I2C-bus interface,
such as luminance vector processing and spectral
processing. For the TDA9178 the empty line is chosen
three lines after recognition of the vertical blanking from
the sandcastle pulse input. Figures 7, 8, 9 and 10 show
the measurement locations for different broadcast norms.
The noise detector is capable of measuring the
signal-to-noise ratio between
−45 and −20 dB. The output
scale runs linearly with dB. The noise samples are
averaged for over 20 fields to reduce the fluctuations in the
measurement process. It is obvious, that for signal
sources (like VCR in still picture mode) that re-insert the
levels of the retrace part, the measurement is not reliable
(see Section “Feature mode detector”). The result of the
averaging process will update the contents of the I2C-bus
register: bits ND5 to ND0 at a rate of 1
⁄32 of the field
frequency. If a register access conflict occurs, the data of
the noise register is made invalid by setting the flag bit DV
(Data Valid) to zero.
Feature mode detector
A detector is available for detecting signal sources (like
VCR in still picture mode) that re-inserted the levels of the
retrace part. For this kind of signals the noise
measurement of the TDA9178 is not reliable, but this
detector sets bit FM in the ND-register to logic 1.
For normal video signals bit FM is set to logic 0.
This circuit measures transients (like synchronization
pulses) on the luminance input during the internal V-pulse.
The feature mode detector is setting bit FM to logic 1 when
no transients are present during 2 lines in the vertical
retrace part over 3 fields (like the synchronization pulses).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com