Electronic Components Datasheet Search
  English  ▼

X  

TDA9178 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 11Page - NXP Semiconductors TDA9178 Datasheet HTML 12Page - NXP Semiconductors TDA9178 Datasheet HTML 13Page - NXP Semiconductors TDA9178 Datasheet HTML 14Page - NXP Semiconductors TDA9178 Datasheet HTML 15Page - NXP Semiconductors TDA9178 Datasheet HTML 16Page - NXP Semiconductors TDA9178 Datasheet HTML 17Page - NXP Semiconductors TDA9178 Datasheet HTML 18Page - NXP Semiconductors TDA9178 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
1999 Sep 24
15
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611 part E”.
CHARACTERISTICS
VCC =8V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
TDA9178 (SDIP24)
56
K/W
TDA9178T (SO24)
65
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
SUPPLY VOLTAGE (PIN VCC)
VCC
supply voltage
7.2
8.0
8.8
V
ICC
supply current
1fH mode
−
100
−
mA
2fH mode
−
105
−
mA
DIGITAL SUPPLY DECOUPLING (PIN DECDIG)
VDECDIG
decoupling voltage
−
5
−
V
IDECDIG
decoupling load current
−−
1mA
Input and output selection
LUMINANCE INPUT (PIN YIN)
Vi(Y)
input voltage (excluding sync)
AMS = 0
−
0.315
0.45
V
AMS = 1
−
1.0
1.41
V
Ii(bias)(Y)
input bias current
no clamp
−−
0.1
µA
LUMINANCE OUTPUT (PIN YOUT)
Vo(cl)
output voltage level during
clamping
AMS = 1
−
2.7
−
V
AMS = 0
−
0.8
−
V
GY(i-o)
luminance gain input to output
transparent
at AMS = 1;
at 1 V (p-p)
0.93
1.04
1.15
transparent
at AMS = 0;
at 0.3 V (p-p)
0.96
1.07
1.18
S/N(Y)
signal-to-noise ratio of luminance
output
transparent
52
−−
dB
BY
luminance bandwidth
1fH mode (−1 dB);
transparent
5
−−
MHz
2fH mode (−1 dB);
transparent
6
−−
MHz
Ebl
black level error
transparent
−1.0
0
+1.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com