Electronic Components Datasheet Search
  English  ▼

X  

TDA9178 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 12Page - NXP Semiconductors TDA9178 Datasheet HTML 13Page - NXP Semiconductors TDA9178 Datasheet HTML 14Page - NXP Semiconductors TDA9178 Datasheet HTML 15Page - NXP Semiconductors TDA9178 Datasheet HTML 16Page - NXP Semiconductors TDA9178 Datasheet HTML 17Page - NXP Semiconductors TDA9178 Datasheet HTML 18Page - NXP Semiconductors TDA9178 Datasheet HTML 19Page - NXP Semiconductors TDA9178 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
1999 Sep 24
16
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
Ro
output resistance
−−
150
Ω
Io(bias)
output bias current
1.3
−−
mA
CL
load capacitance
−−
15
pF
COLOUR DIFFERENCE INPUTS U AND V(PINS UIN AND VIN)
Vi(U)(p-p)
input voltage U
(peak-to-peak value)
−
1.33
1.9
V
Vi(V)(p-p)
input voltage V
(peak-to-peak value)
−
1.05
1.9
V
Ii(bias)
input bias current
no clamp
−−
0.1
µA
COLOUR DIFFERENCE OUTPUTS U AND V(PINS UOUT AND VOUT)
Vo(cl)
output voltage level during
clamping
−
2.7
−
V
GUV(i-o)
gain inputs to output
transparent
0.90
1.00
1.10
Eoffset
offset error
transparent
−1
0
+1
%
∆G
track
UV gain tracking error
transparent
−−
5%
BUV
bandwidth
1fH mode;
transparent (
−3 dB)
2.5
−−
MHz
2fH mode;
transparent (
−3 dB)
5
−−
MHz
Ro
output resistance
−−
150
Ω
Io(bias)
output bias current
1.3
−−
mA
CL
load capacitance
−−
15
pF
Luminance vector processing
BLACK STRETCH
BLOScor(i)
input black offset correction
8
10
12
%
HISTOGRAM
White-point stretch
GWP(max)
maximum luminance gain for white
stretch
maximum non-linearity
setting gain
−
1.1
−
Non-linear amplifier
Gnla(min)
minimum segment gain
maximum non-linearity
setting gain
−
0.4
−
Gnla(max)
maximum segment gain
maximum non-linearity
setting gain
−
2.0
−
Gnla
non-linear control curve
63 steps
−
0 to 100
−
%
VARIABLE GAMMA
Gg(var)(min)L
minimum variable gamma setting
−
0.5
−
Gg(var)(max)
maximum variable gamma setting
−
1.5
−
Gnla
non-linear control curve
63 steps
−
0 to 100
−
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com