Electronic Components Datasheet Search
  English  ▼

X  

TDA9178 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 7Page - NXP Semiconductors TDA9178 Datasheet HTML 8Page - NXP Semiconductors TDA9178 Datasheet HTML 9Page - NXP Semiconductors TDA9178 Datasheet HTML 10Page - NXP Semiconductors TDA9178 Datasheet HTML 11Page - NXP Semiconductors TDA9178 Datasheet HTML 12Page - NXP Semiconductors TDA9178 Datasheet HTML 13Page - NXP Semiconductors TDA9178 Datasheet HTML 14Page - NXP Semiconductors TDA9178 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
1999 Sep 24
11
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
Control functions
FUNCTIONS
TYPE
SUBADDRESS
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Inputs
Control 1
REG
00
DEM
VDC
WLB
FHS
CFS
LDH
0
AMS
Control 2
01
0
0
OSP
WPO
0
CD2
CD1
CD0
Control 3
02
SGR
WGR
GGR
DGR
SSK
WSK
ASK
DSK
Control 4
03
0
0
BON
CTI
CDS
SBL
GBL
DBL
Adaptive black stretch
DAC
04
0
0
BT5
BT4
BT3
BT2
BT1
BT0
Non-linearity amplifier
05
0
0
NL5
NL4
NL3
NL2
NL1
NL0
Variable gamma
06
0
0
VG5
VG4
VG3
VG2
VG1
VG0
Peaking
07
0
0
PK5
PK4
PK3
PK2
PK1
PK0
Steepness
08
0
0
SP5
SP4
SP3
SP2
SP1
SP0
Coring
09
0
0
CR5
CR4
CR3
CR2
CR1
CR0
Line width
0A
0
0
LW5
LW4
LW3
LW2
LW1
LW0
Outputs
Status
REG
00
X
X
X
CF
ID2
ID1
ID0
PDD
Noise detection
01
FM
DV
ND5
ND4
ND3
ND2
ND1
ND0
ADEXT1 (output)
02
X
DV
AD5
AD4
AD3
AD2
AD1
AD0
ADEXT2 (output)
03
X
DV
AD5
AD4
AD3
AD2
AD1
AD0
ADEXT3 (output)
04
X
DV
AD5
AD4
AD3
AD2
AD1
AD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com