Electronic Components Datasheet Search
  English  ▼

X  

TDA9178 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 8Page - NXP Semiconductors TDA9178 Datasheet HTML 9Page - NXP Semiconductors TDA9178 Datasheet HTML 10Page - NXP Semiconductors TDA9178 Datasheet HTML 11Page - NXP Semiconductors TDA9178 Datasheet HTML 12Page - NXP Semiconductors TDA9178 Datasheet HTML 13Page - NXP Semiconductors TDA9178 Datasheet HTML 14Page - NXP Semiconductors TDA9178 Datasheet HTML 15Page - NXP Semiconductors TDA9178 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
1999 Sep 24
12
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
Input signals
Table 1
Amplitude mode selection
Table 2
Luminance determined histogram
Table 3
Contour filter selection
Table 4
Line frequency selection
Table 5
Window letterbox format
Table 6
Video dependent coring on/off
Table 7
Demonstration mode on/off
Table 8
Chrominance delay
Table 9
Overrule smart peaking
Table 10 White-point stretch on/off
Table 11 Dynamic skin tone on/off
Table 12 Dynamic skin tone angle
Table 13 Dynamic skin tone width
Table 14 Dynamic skin tone size
Table 15 Green enhancement on/off
AMS
FUNCTION
0
0.315 V luminance (black to white) at
YIN
1
1.0 V luminance (black to white) at YIN
LDH
FUNCTION
0
histogram segments fixed
1
histogram segments determined by peak
white
CFS
FUNCTION
0
peaking frequency is 2 MHz at 1fH or
4 MHz at 2fH
1
peaking frequency is 3 MHz at 1fH or
6 MHz at 2fH
FHS
FUNCTION
01fH
12fH
WLB
FUNCTION
0
normal internal window format
1
‘Letterbox’ internal window format
VDC
FUNCTION
0
video dependent coring off
1
video dependent coring on
DEM
FUNCTION
0
DEMO off
1
DEMO on: auto-toggle selected features
on/off (cycle is 10 s at 1fH or 5 s at 2fH)
CD2
CD1
CD0
FUNCTION
0
0
0
40 ns at 1fH or 20 ns at 2fH
111
−32 ns at 1fH or +16 ns at 2fH
OSP
FUNCTION
0
smart peaking (maximum peaking
reduced if Coxing)
1
overrule smart peaking
WPO
FUNCTION
0
white-point stretch on
1
white-point stretch off
DSK
FUNCTION
0
skin tone off
1
skin tone on
ASK
FUNCTION
0
angle correction 123
°
1
angle correction 117
°
WSK
FUNCTION
0
default detection angle
1
60% increased detection angle
SSK
FUNCTION
0
default area
1
40% increased area
DGR
FUNCTION
0
green enhancement off
1
green enhancement on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com