Electronic Components Datasheet Search
  English  ▼

X  

TDA9178 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 10Page - NXP Semiconductors TDA9178 Datasheet HTML 11Page - NXP Semiconductors TDA9178 Datasheet HTML 12Page - NXP Semiconductors TDA9178 Datasheet HTML 13Page - NXP Semiconductors TDA9178 Datasheet HTML 14Page - NXP Semiconductors TDA9178 Datasheet HTML 15Page - NXP Semiconductors TDA9178 Datasheet HTML 16Page - NXP Semiconductors TDA9178 Datasheet HTML 17Page - NXP Semiconductors TDA9178 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
1999 Sep 24
14
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
Table 31 Line width correction
Output signals
Table 32 Power-down detection
Table 33 Identification code
Table 34 Cue flash
LW5
LW4
LW3
LW2
LW1
LW0
FUNCTION
000000
33% duty
factor at 2 MHz
sine wave/1fH
111111
67% duty
factor at 2 MHz
sine wave/1fH
PDD
FUNCTION
0
no power-down detected since last read
1
power-down detected
ID2
ID1
ID0
FUNCTION
0
1
0
TDA9178/N1
CF
FUNCTION
0
no cue flash since last read
1
cue flash detected
Table 35 Noise detector
Table 36 ADEXT1, ADEXT2 and ADEXT3
Table 37 Data valid bit of
noise detector/ADEXT1, 2 and 3 registers
Table 38 Feature mode detector
ND5
ND4
ND3
ND2
ND1
ND0
FUNCTION
000000
−45 dB
111111
−20 dB
AD5
AD4
AD3
AD2
AD1
AD0
FUNCTION
000000
external
voltage = 0 V
111111
external
voltage = 2 V
DV
FUNCTION
0
data not valid because of possible register
access collision
1
data is valid
FM
FUNCTION
0
normal video signal detected
1
feature mode detected (noise detector is
not reliable)
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); all voltages referenced to ground.
HANDLING
All pins are protected against ESD by means of internal clamping diodes. The protection circuit meets the following
specification:
Human body model: C = 100 pF; R = 1.5 k
Ω; all pins >3000 V
Machine model: C = 200 pF; R = 0
Ω; all pins >200 V.
At an ambient temperature of 90
°C, all pins meet the following specification:
Itrigger > 100 mA or Vpin > 1.5VCC(max)
Itrigger < −100 mA or Vpin < −0.5VCC(max)
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+8.8
V
Vn
voltage on any pin
−0.5
VCC + 0.5
V
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−10
+70
°C
Tj
operating junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com