Electronic Components Datasheet Search
  English  ▼

X  

AD825 Datasheet(PDF) 5 Page - Analog Devices

Part # AD825
Description  Low Cost, General-Purpose High Speed JFET Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825 Datasheet(HTML) 5 Page - Analog Devices

  AD825 Datasheet HTML 1Page - Analog Devices AD825 Datasheet HTML 2Page - Analog Devices AD825 Datasheet HTML 3Page - Analog Devices AD825 Datasheet HTML 4Page - Analog Devices AD825 Datasheet HTML 5Page - Analog Devices AD825 Datasheet HTML 6Page - Analog Devices AD825 Datasheet HTML 7Page - Analog Devices AD825 Datasheet HTML 8Page - Analog Devices AD825 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
AD825
Rev. G | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
Small Outline (R)
See Figure 6
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±VS
Output Short-Circuit Duration
See Figure 6
Storage Temperature Range (R-8, RW-16)
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
300°C
1 Specification is for device in free air:
8-lead SOIC package: θJA = 155°C/W
16-lead SOIC package: θJA = 85°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PIN CONFIGURATIONS
Figure 4. 8-Lead SOIC
Figure 5. 16-Lead SOIC
Figure 6. Maximum Power Dissipation vs. Temperature
ESD CAUTION
NC = NO CONNECT
AD825
TOP VIEW
(Not to Scale)
NC
1
–IN
2
+IN
3
–VS 4
NC
8
+VS
7
OUTPUT
6
NC
5
NC
1
NC
2
NC
3
–INPUT
4
+INPUT
5
–VS 6
NC
7
NC
8
NC
10
NC
16
NC
15
NC
14
+VS
13
OUTPUT
12
NC
11
NC
9
AD825
TOP VIEW
(Not to Scale)
NC = NO CONNECT
AMBIENT TEMPERATURE (°C)
2.0
1.5
0
–50
90
–40 –30 –20 –100
102030
50607080
40
1.0
0.5
8-LEAD SOIC PACKAGE
TJ = 150°C
2.5
16-LEAD SOIC PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com