Electronic Components Datasheet Search
  English  ▼

X  

AD825 Datasheet(PDF) 6 Page - Analog Devices

Part # AD825
Description  Low Cost, General-Purpose High Speed JFET Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD825 Datasheet HTML 2Page - Analog Devices AD825 Datasheet HTML 3Page - Analog Devices AD825 Datasheet HTML 4Page - Analog Devices AD825 Datasheet HTML 5Page - Analog Devices AD825 Datasheet HTML 6Page - Analog Devices AD825 Datasheet HTML 7Page - Analog Devices AD825 Datasheet HTML 8Page - Analog Devices AD825 Datasheet HTML 9Page - Analog Devices AD825 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD825
Rev. F | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
RL = 150
RL = 1k
SUPPLY VOLTAGE (V)
20
–20
018
2
4
6
8
10
12
14
16
15
0
–5
–10
–15
10
5
Figure 7. Output Voltage Swing vs. Supply Voltage
LOAD RESISTANCE (
)
0
100
15
0
–5
–10
–15
10
5
200
300
400
500
600
700
800
900
1000
VS = ±15V
VS = ±15V
VS = ±5V
Figure 8. Output Voltage Swing vs. Load Resistance
SUPPLY VOLTAGE (±V)
7.0
6.5
5.0
020
2
4
6
8
1012
141618
6.0
5.5
–40°
+25°
+85°
Figure 9. Quiescent Supply Current vs. Supply Voltage
for Various Temperatures
FREQUENCY (Hz)
100
1
0.01
100
10M
1k
10k
100k
1M
10
0.1
Figure 10. Closed-Loop Output Impedance vs. Frequency
TEMPERATURE (°C)
35
–60
140
–40
–20
0
20
40
80
100
120
30
15
10
5
0
25
20
20
40
60
80
60
BANDWIDTH
PHASE MARGIN
Figure 11. Unity Gain Bandwidth and Phase Margin vs. Temperature
FREQUENCY (Hz)
80
70
0
1k
100M
10k
100k
1M
10M
60
50
10
40
30
20
180
135
90
45
0
VS = ±15V
VS = ±5V
Figure 12. Open-Loop Gain and Phase Margin vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com