Electronic Components Datasheet Search
  English  ▼

X  

AD825 Datasheet(PDF) 9 Page - Analog Devices

Part # AD825
Description  Low Cost, General-Purpose High Speed JFET Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD825 Datasheet HTML 4Page - Analog Devices AD825 Datasheet HTML 5Page - Analog Devices AD825 Datasheet HTML 6Page - Analog Devices AD825 Datasheet HTML 7Page - Analog Devices AD825 Datasheet HTML 8Page - Analog Devices AD825 Datasheet HTML 9Page - Analog Devices AD825 Datasheet HTML 10Page - Analog Devices AD825 Datasheet HTML 11Page - Analog Devices AD825 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD825
Rev. F | Page 9 of 12
5V
5V
100ns
Figure 25. Noninverting Large Signal Pulse Response, RL = 150 Ω
200mV
200mV
50ns
Figure 26. Noninverting Small Signal Pulse Response, RL = 150 Ω
TEKTRONIX
P6204 FET
PROBE
HP PULSE
GENERATOR
50
RIN
1k
RL
VOUT
VIN
TEKTRONIX
7A24
PREAMP
AD825
7
4
3
6
2
+VS
0.01
F
10
F
–VS
0.01
F
10
F
1k
Figure 27. Inverting Amplifier Connection
5V
5V
100ns
Figure 28. Inverting Large Signal Pulse Response, RL = 1 kΩ
50ns
200mV
200mV
Figure 29. Inverting Small Signal Pulse Response, RL = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com