Electronic Components Datasheet Search
  English  ▼

X  

AD825 Datasheet(PDF) 1 Page - Analog Devices

Part # AD825
Description  Low Cost, General-Purpose High Speed JFET Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825 Datasheet(HTML) 1 Page - Analog Devices

  AD825 Datasheet HTML 1Page - Analog Devices AD825 Datasheet HTML 2Page - Analog Devices AD825 Datasheet HTML 3Page - Analog Devices AD825 Datasheet HTML 4Page - Analog Devices AD825 Datasheet HTML 5Page - Analog Devices AD825 Datasheet HTML 6Page - Analog Devices AD825 Datasheet HTML 7Page - Analog Devices AD825 Datasheet HTML 8Page - Analog Devices AD825 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Cost, General-Purpose
High Speed JFET Amplifier
Data Sheet
AD825
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High speed
41 MHz, −3 dB bandwidth
125 V/µs slew rate
80 ns settling time
Input bias current of 20 pA and noise current of 10 fA/√Hz
Input voltage noise of 12 nV/√Hz
Fully specified power supplies: ±5 V to ±15 V
Low distortion: −76 dB at 1 MHz
High output drive capability
Drives unlimited capacitance load
50 mA min output current
No phase reversal when input is at rail
Available in 8-lead SOIC
APPLICATIONS
CCDs
Low distortion filters
Mixed gain stages
Audio amplifiers
Photo detector interfaces
ADC input buffers
DAC output buffers
CONNECTION DIAGRAMS
Figure 1. 8-Lead Plastic SOIC (R-8) Package
Figure 2. 16-Lead Plastic SOIC (RW-16) Package
GENERAL DESCRIPTION
The AD825 is a superbly optimized operational amplifier for
high speed, low cost, and dc parameters, making it ideally
suited for a broad range of signal conditioning and data
acquisition applications. The ac performance, gain, bandwidth,
slew rate, and drive capability are all very stable over
temperature. The AD825 also maintains stable gain under
varying load conditions.
The unique input stage has ultralow input bias current and
input current noise. Signals that go to either rail on this high
performance input do not cause phase reversals at the output.
These features make the AD825 a good choice as a buffer for
MUX outputs, creating minimal offset and gain errors.
The AD825 is fully specified for operation with dual ±5 V and
±15 V supplies. This power supply flexibility, and the low
supply current of 6.5 mA with excellent ac characteristics under
all supply conditions, makes the AD825 well-suited for many
demanding applications.
Figure 3. Performance with Rail-to-Rail Input Signals
NC = NO CONNECT
AD825
TOP VIEW
(Not to Scale)
NC
1
–IN
2
+IN
3
–VS 4
NC
8
+VS
7
OUTPUT
6
NC
5
NC
1
NC
2
NC
3
–INPUT
4
+INPUT
5
–VS 6
NC
7
NC
8
NC
10
NC
16
NC
15
NC
14
+VS
13
OUTPUT
12
NC
11
NC
9
AD825
TOP VIEW
(Not to Scale)
NC = NO CONNECT
10V
200ns
10V


Similar Part No. - AD825

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD825 AD-AD825 Datasheet
2Mb / 11P
Low Cost, General Purpose High Speed JFET Amplifier
REV.C
AD825 AD-AD825 Datasheet
413Kb / 12P
Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825 AD-AD825 Datasheet
414Kb / 12P
Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD8250 AD-AD8250 Datasheet
125Kb / 8P
12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD8250 AD-AD8250 Datasheet
217Kb / 10P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
4/07-Revision 0
More results

Similar Description - AD825

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
391Kb / 20P
Low-Cost, High-Speed Differential Amplifier
REV.0
AD825 AD-AD825 Datasheet
2Mb / 11P
Low Cost, General Purpose High Speed JFET Amplifier
REV.C
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
AD825 AD-AD825_04 Datasheet
413Kb / 12P
Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
AD825ARZ AD-AD825ARZ Datasheet
414Kb / 12P
Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825ARZ-REEL AD-AD825ARZ-REEL Datasheet
414Kb / 12P
Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
AD825 AD-AD825_15 Datasheet
319Kb / 12P
Low Cost, General-Purpose High Speed JFET Amplifier
Rev. G
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com