Electronic Components Datasheet Search
  English  ▼

X  

AD825 Datasheet(PDF) 8 Page - Analog Devices

Part # AD825
Description  Low Cost, General-Purpose High Speed JFET Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD825 Datasheet HTML 4Page - Analog Devices AD825 Datasheet HTML 5Page - Analog Devices AD825 Datasheet HTML 6Page - Analog Devices AD825 Datasheet HTML 7Page - Analog Devices AD825 Datasheet HTML 8Page - Analog Devices AD825 Datasheet HTML 9Page - Analog Devices AD825 Datasheet HTML 10Page - Analog Devices AD825 Datasheet HTML 11Page - Analog Devices AD825 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD825
Rev. F | Page 8 of 12
TEMPERATURE (°C)
100
–60
140
–40
–20
0
20
40
80
100
120
80
20
0
60
40
120
140
160
±5V
±15V
60
Figure 19. Slew Rate vs. Temperature
1k
100k
10M
10k
1M
VOUT
VIN
VS
±5V
±15V
0.1dB FLATNESS
10MHz
21MHz
FREQUENCY (Hz)
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
Figure 20. Closed-Loop Gain vs. Frequency, Gain = +1
1k
100k
10M
10k
1M
VOUT
VIN
VS
±5V
±15V
0.1dB FLATNESS
7.7MHz
9.8MHz
FREQUENCY (Hz)
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
1k
1k
Figure 21. Closed-Loop Gain vs. Frequency, Gain = −1
TEKTRONIX
P6204 FET
PROBE
HP PULSE (LS)
OR
FUNCTION (SS)
GENERATOR
50
RL
VOUT
VIN
TEKTRONIX
7A24
PREAMP
AD825
7
4
3
6
2
+VS
0.01
F
10
F
–VS
0.01
F
10
F
Figure 22. Noninverting Amplifier Connection
5V
5V
100ns
Figure 23. Noninverting Large Signal Pulse Response, RL = 1 kΩ
200mV
200mV
50ns
Figure 24. Noninverting Small Signal Pulse Response, RL = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com