Electronic Components Datasheet Search
  English  ▼

X  

AD825 Datasheet(PDF) 7 Page - Analog Devices

Part # AD825
Description  Low Cost, General-Purpose High Speed JFET Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD825 Datasheet HTML 3Page - Analog Devices AD825 Datasheet HTML 4Page - Analog Devices AD825 Datasheet HTML 5Page - Analog Devices AD825 Datasheet HTML 6Page - Analog Devices AD825 Datasheet HTML 7Page - Analog Devices AD825 Datasheet HTML 8Page - Analog Devices AD825 Datasheet HTML 9Page - Analog Devices AD825 Datasheet HTML 10Page - Analog Devices AD825 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD825
Rev. F | Page 7 of 12
LOAD RESISTANCE (
)
80
75
60
10
10k
1k
70
65
VS = ±15V
VS = ±5V
Figure 13. Open-Loop Gain vs. Load Resistance
FREQUENCY (Hz)
10k
10M
100k
1M
10
0
–90
–10
–20
–30
–40
–50
–60
–70
–80
–PSRR
+PSRR
Figure 14. Power Supply Rejection vs. Frequency
FREQUENCY (Hz)
10
10M
1k
100k
130
120
30
110
100
90
80
70
60
50
40
100
10k
1M
VS = ±15V
VS = ±5V
Figure 15. Common-Mode Rejection vs. Frequency
FREQUENCY (Hz)
30
20
0
10k
100k
1M
10M
10
RL = 1k
RL = 150
Figure 16. Large Signal Frequency Response; G = +2
OUTPUT SWING (0 to ±V)
200
80
0
10
–10
8
64
20
–2
–4
–6
–8
180
100
60
20
140
120
40
160
0.01%
0.1%
0.01%
0.1%
Figure 17. Output Swing and Error vs. Settling Time
FREQUENCY (Hz)
–50
–55
–85
100k
10M
1M
–60
–65
–70
–75
–80
SECOND
THIRD
Figure 18. Harmonic Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com