Electronic Components Datasheet Search
  English  ▼

X  

TDA9873HS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9873HS
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873HS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9873HS Datasheet HTML 7Page - NXP Semiconductors TDA9873HS Datasheet HTML 8Page - NXP Semiconductors TDA9873HS Datasheet HTML 9Page - NXP Semiconductors TDA9873HS Datasheet HTML 10Page - NXP Semiconductors TDA9873HS Datasheet HTML 11Page - NXP Semiconductors TDA9873HS Datasheet HTML 12Page - NXP Semiconductors TDA9873HS Datasheet HTML 13Page - NXP Semiconductors TDA9873HS Datasheet HTML 14Page - NXP Semiconductors TDA9873HS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
2000 Apr 04
11
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
VCAF
DC voltage at CAF1 and
CAF2
dependent on intercarrier
frequency fFM
0.6
−
2.6
V
BAF(−3dB)
−3 dB audio frequency
bandwidth
measured at AF1O and
AF2O; see Figs 7 and 8
upper limit dependent on
loop filter; note 4
65
80
−
kHz
lower limit dependent on
CAF;CAF = 470 nF; note 5
−−
20
Hz
Vo(FM)(rms)
output level (RMS value)
measured at
AF1O and AF2O
−
250
−
mV
Audio processing (pins 1, 2, 8 and 33)
Vo(rms)
AF output level (RMS value)
fmod = 300 Hz;
54% modulation;
switchable by I2C-bus;
note 6
normal gain
400
500
600
mV
reduced gain
200
250
300
mV
Vo(cl)(rms)
AF output clipping level
(RMS value)
VCC = 5 V; THD = 1.5%
1400
−−
mV
RL
allowable load resistance
AC coupled
10
−−
k
Ω
CL
allowable load capacitance
−−
1.5
nF
RL(DC)
allowable DC load resistance
100
−−
k
Ω
Ro
output resistance
70
150
300
Ω
THD
total harmonic distortion
Vo(rms) = 0.5 V; fAF = 1 kHz
−
0.2
0.5
%
α
cs(AF)(stereo)
AF channel separation (stereo
mode; complete signal path)
without alignment; note 7
B/G or M (Korea)
standard
25
30
−
dB
D/K standard
23
27
−
dB
potentiometer alignment;
B/G, M and D/K standard;
notes 7 and 8
35
40
−
dB
I2C-bus alignment;
notes 7 and 9
B/G and D/K standard
40
45
−
dB
M standard
35
40
−
dB
α
ct(AF)(dual)
AF crosstalk attenuation (dual
mode)
fi = 1 kHz for signal A;
fi = 400 Hz for signal B;
∆f= ±50 kHz
complete signal path
65
70
−
dB
stereo decoder only
70
75
−
dB
α
mute(AF)
mute attenuation of AF signal
75
80
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com