Electronic Components Datasheet Search
  English  ▼

X  

TDA9873HS Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA9873HS
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873HS Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA9873HS Datasheet HTML 19Page - NXP Semiconductors TDA9873HS Datasheet HTML 20Page - NXP Semiconductors TDA9873HS Datasheet HTML 21Page - NXP Semiconductors TDA9873HS Datasheet HTML 22Page - NXP Semiconductors TDA9873HS Datasheet HTML 23Page - NXP Semiconductors TDA9873HS Datasheet HTML 24Page - NXP Semiconductors TDA9873HS Datasheet HTML 25Page - NXP Semiconductors TDA9873HS Datasheet HTML 26Page - NXP Semiconductors TDA9873HS Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
2000 Apr 04
23
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
ADJUST AND STANDARD DATA BITS
Table 19 Stereo adjustment, gain adjust in R channel
Table 20 Standard switching
Table 21 Identification response time
PORT DATA BITS
Table 22 Port 1 output
Table 23 Port 2 output
Table 24 Test mode; note 1
Note
1. Not for customer; for Philips Semiconductors only.
GAIN STEREO
ADJUSTMENT (dB)
C3
C2
C1
C0
−0.6
0000
−0.5
0001
−0.4
0010
−0.3
0011
−0.2
0100
−0.1
0101
0.0
0110
+0.1
0111
+0.2
1000
+0.3
1001
+0.4
1010
+0.5
1011
+0.6
1100
+0.7
1101
STANDARD
C6
C5
C4
B/G
0
0
0
M
001
D/K (1)
0
1
0
D/K (2)
0
1
1
D/K (3)
1
0
0
I
101
RESPONSE TIME
C7
Normal
0
Fast
1
PORT 1
E0
LOW level
0
HIGH level
1
PORT 2
E1
LOW level
0
HIGH level
1
TEST MODE
E2
Off
0
On
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com