Electronic Components Datasheet Search
  English  ▼

X  

TDA9873HS Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA9873HS
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873HS Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA9873HS Datasheet HTML 12Page - NXP Semiconductors TDA9873HS Datasheet HTML 13Page - NXP Semiconductors TDA9873HS Datasheet HTML 14Page - NXP Semiconductors TDA9873HS Datasheet HTML 15Page - NXP Semiconductors TDA9873HS Datasheet HTML 16Page - NXP Semiconductors TDA9873HS Datasheet HTML 17Page - NXP Semiconductors TDA9873HS Datasheet HTML 18Page - NXP Semiconductors TDA9873HS Datasheet HTML 19Page - NXP Semiconductors TDA9873HS Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
2000 Apr 04
16
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
12. The maximum total system identification time ‘on’ for a channel change is equal to the maximum value of tident(on)
plus tI2C(read-out). The maximum total system identification time ‘off’ for a channel change is equal to the maximum
value of tident(off) plus tI2C(read-out). The fast mode is mainly for use during search tuning, program or channel select.
If the channel is selected, the identification response should be switched to normal mode for improved reliability.
However due to the transition from fast to normal mode, the identification bits are not valid for one integrator period.
Therefore the transmitter mode detected during the fast mode must be stored before changing to the normal mode.
The storage must be kept for two seconds (maximum value of tident(on) in the normal mode) from the moment of
transition. The identification can now operate in the normal mode until the next tuning action.
13. Identification window is defined as total pull-in frequency range (lower plus upper side) of identification PLL (steady
detection) plus window increase due to integrator (fluctuating detection).
14. Window width dependent on fω.
15. The AC characteristics are in accordance with the I2C-bus specification. The maximum clock frequency is 100 kHz.
Information about the I2C-bus can be found in the brochure
“The I2C-bus and how to use it”
(order number 9398 393 40011).
Table 1
TV standard settings
STANDARD
fSC1
(MHz)
fSC2
(MHz)
PILOT
FREQUENCY
fpilot (kHz)
STEREO
IDENTIFICATION
FREQUENCY
fstereo (Hz)
DUAL
IDENTIFICATION
FREQUENCY
fdual (Hz)
DE-EMPHASIS
tDEP (µs)
M
4.5
4.724
55.0699
149.85
276.04
75
B/G
5.5
5.742
54.6875
117.48
274.12
50
I6
−
−−−
50
D/K (1)
6.5
6.268
54.6875
117.48
274.12
50
D/K (2)
6.5
6.742
54.6875
117.48
274.12
50
D/K (3)
6.5
5.742
54.6875
117.48
274.12
50
Fig.3 Allowable interference video level.
video: colour-bar
SC1
SC2
-----------
7 dB
=
handbook, full pagewidth
1
0.5
0.16
0
6 12
25
150
SC1
50
2
MHB433
Vi(FM)(rms) (mV)
Vi(vid)(p-p)
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com