Electronic Components Datasheet Search
  English  ▼

X  

TDA9873HS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA9873HS
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873HS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA9873HS Datasheet HTML 10Page - NXP Semiconductors TDA9873HS Datasheet HTML 11Page - NXP Semiconductors TDA9873HS Datasheet HTML 12Page - NXP Semiconductors TDA9873HS Datasheet HTML 13Page - NXP Semiconductors TDA9873HS Datasheet HTML 14Page - NXP Semiconductors TDA9873HS Datasheet HTML 15Page - NXP Semiconductors TDA9873HS Datasheet HTML 16Page - NXP Semiconductors TDA9873HS Datasheet HTML 17Page - NXP Semiconductors TDA9873HS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
2000 Apr 04
14
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
Notes
1. Input level for IF intercarrier from an external generator with 50
Ω source impedance, fmod = 400 Hz, 27 kHz
deviation of audio references: level for SC1 is 50 mV (RMS), SC1/SC2 = 7 dB. S/N and THD measurements are
taken at 50
µs de-emphasis.
2. For higher input voltages a series resistor connected to pin 25 is recommended.
3. The tolerance of the reference frequency determines the accuracy of the FM demodulator centre frequencies,
maximum FM deviation, pilot window width and pilot window mid-frequency error.
Rs(eq)
equivalent crystal series
resistance
−
60
200
Ω
Rs(um)
crystal series resistance of
unwanted mode
2
× Rs(eq) −−
Ω
Reference input (operation as input terminal; pin 15)
fω
working frequency
−
4
−
MHz
VI
DC input voltage
2.3
2.6
2.9
V
Ri
input resistance
2.5
3.0
3.5
k
Ω
∆fref
tolerance of reference
frequency
notes 3 and 14
−−
±300 × 10−6
Vref(rms)
amplitude of reference source
(RMS value)
operation as input terminal
80
−
400
mV
Vo(ref)
output resistance of reference
source
−−
4.7
k
Ω
CK
decoupling capacitance to
external reference source
operation as input terminal
22
100
−
pF
I2C-bus transceiver (pins 29 and 30); note 15
fclk
clock frequency
0
−
100
kHz
VIH
HIGH-level input voltage
3
−
VCC
V
VIL
LOW-level input voltage
−0.3
−
+1.5
V
IIH
HIGH-level input current
−10
−
+10
µA
IIL
LOW-level input current
−10
−
+10
µA
VOL
LOW-level output voltage
IOL =3mA
−−
0.4
V
Io(sink)
output sink current
VCC =0V
−−
10
µA
Io(source)
output source current
VCC =0V
−−
10
µA
Port outputs P1 and P2 (open-collector outputs; pins 37 and 42)
VOL
LOW-level output voltage
Io = 1 mA (sink)
−−
0.3
V
Io(sink)(port)
port output sink current
port at LOW level
−−
1mA
Power-on reset
VCC(sr)
supply voltage for start of
reset
decreasing supply voltage
2.5
3
3.5
V
VCC(er)
supply voltage for end of reset increasing supply voltage;
I2C-bus transmission
enabled
−−
4.5
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com