Electronic Components Datasheet Search
  English  ▼

X  

TDA9873HS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA9873HS
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873HS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA9873HS Datasheet HTML 8Page - NXP Semiconductors TDA9873HS Datasheet HTML 9Page - NXP Semiconductors TDA9873HS Datasheet HTML 10Page - NXP Semiconductors TDA9873HS Datasheet HTML 11Page - NXP Semiconductors TDA9873HS Datasheet HTML 12Page - NXP Semiconductors TDA9873HS Datasheet HTML 13Page - NXP Semiconductors TDA9873HS Datasheet HTML 14Page - NXP Semiconductors TDA9873HS Datasheet HTML 15Page - NXP Semiconductors TDA9873HS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
2000 Apr 04
12
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
S/NW
weighted signal-to-noise ratio
(complete signal path)
CCIR 468-4 weighted;
quasi peak; dual mode;
note 6
50
µs de-emphasis;
B/G, I and D/K standard
52
56
−
dB
75
µs de-emphasis;
M standard
48
52
−
dB
S/NW(d)
signal-to-noise ratio at
external AF with stereo
decoder only
CCIR 468-4 weighted;
quasi peak;
Vo(rms) = 500 mV
70
75
−
dB
tDEP(B/G)
de-emphasis time constant for
B/G, D/K and I standard
note 10; see Fig.4
−
50
−µs
tDEP(M)
de-emphasis time constant for
M standard
note 10; see Fig.4
−
75
−µs
fro
roll-off frequency
470 nF at AF1I and AF2I;
without de-emphasis
low frequency (
−3 dB)
−−
20
Hz
high frequency (
−0.5 dB) 20
−−
kHz
PSRR
power supply ripple rejection
at OUTL and OUTR (overall
performance)
fripple = 70 Hz;
Vripple(p-p) = 100 mV;
dual mode; see Fig.5
20
26
−
dB
Ri(AF1)
AF1I input resistance
32
40
48
k
Ω
Ri(AF2)
AF2I input resistance
32
40
48
k
Ω
External additional inputs (pins 38 to 40)
Vi(nom)(rms)
nominal input signal voltage
(RMS value)
−
0.5
−
V
Vi(cl)(rms)
clipping voltage level
(RMS value)
THD
≤ 1.5%; VCC = 5 V
1.4
−−
V
Gv
AF signal voltage gain
G = Vo/Vi
−1
0
+1
dB
Ri
input resistance
40
50
60
k
Ω
fro
roll-off frequency
low frequency (
−3 dB)
−−
20
Hz
high frequency (
−0.5 dB)
20
−−
kHz
αct(ext)
AF crosstalk attenuation
(external input)
fi(EXTL) = 1 kHz;
fi(EXTR) = 400 Hz
70
75
−
dB
Mono output OUTM (pin 43)
Ro
output resistance
70
200
350
Ω
RL
load resistance
AC coupled
10
−−
k
Ω
RL(DC)
allowable DC load resistance
100
−−
k
Ω
CL
load capacitance
−−
1.5
nF
αmute
mute attenuation
60
−−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com