Electronic Components Datasheet Search
  English  ▼

X  

TDA9873HS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9873HS
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873HS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9873HS Datasheet HTML 13Page - NXP Semiconductors TDA9873HS Datasheet HTML 14Page - NXP Semiconductors TDA9873HS Datasheet HTML 15Page - NXP Semiconductors TDA9873HS Datasheet HTML 16Page - NXP Semiconductors TDA9873HS Datasheet HTML 17Page - NXP Semiconductors TDA9873HS Datasheet HTML 18Page - NXP Semiconductors TDA9873HS Datasheet HTML 19Page - NXP Semiconductors TDA9873HS Datasheet HTML 20Page - NXP Semiconductors TDA9873HS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
2000 Apr 04
17
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
Fig.4 Tolerance scheme of AF frequency response; de-emphasis with CDE1 =CDE2 =10nF ±5%.
handbook, full pagewidth
−2
+3
MHB431
−1
0
+1
+2
10
102
103
105
104
Vo(AF)
(dB)
fo(AF) (Hz)
R:
−15%
C:
−5%
R:
+15%
C:
+5%
Fig.5 Ripple rejection condition.
PSRR
20 log
V
ripple at OUTR
V
ripple at VCC
-----------------------------------------
=
handbook, full pagewidth
TDA9873H
VCC = 5 V
t
100 mV (fripple = 70 Hz)
MHB432
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com