Electronic Components Datasheet Search
  English  ▼

X  

MICRF213 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF213
Description  3.3V, QwikRadio짰 315MHz Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF213 Datasheet HTML 2Page - Micrel Semiconductor MICRF213 Datasheet HTML 3Page - Micrel Semiconductor MICRF213 Datasheet HTML 4Page - Micrel Semiconductor MICRF213 Datasheet HTML 5Page - Micrel Semiconductor MICRF213 Datasheet HTML 6Page - Micrel Semiconductor MICRF213 Datasheet HTML 7Page - Micrel Semiconductor MICRF213 Datasheet HTML 8Page - Micrel Semiconductor MICRF213 Datasheet HTML 9Page - Micrel Semiconductor MICRF213 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Micrel, Inc.
MICRF213
May 2007
6
M9999-052307-A
(408) 944-0800
Functional Diagram
ANT
CAGC
RSSI
DO
CTH
SEL
VDD
Mixer
Mixer
VSS
fLO
SEL
SHDN
SQUELCH
RF
Amp
Synthesizer
Reference and Control
Control Logic
OOK
Demodulator
Control Logic
DO
IMAGE
REJECT
FILTER
–f
f
i
IF
Amp
IF
Amp
Detector
AGC
RSSI
Slicing
Level
Programmable
Low Pass Filter
Control
Logic
Reference
Oscillator
RO1
RO2
Crystal
Figure 1. Simplified Block Diagram
Functional Description
Figure 1.
Simplified Block Diagram. It is the basic
structure of the MICRF213. It is made of three sub-
blocks; Image Rejection UHF Down-converter, the OOK
Demodulator,
and
Reference
and
Control
Logics.
Outside the device, the MICRF213 requires only three
components to operate; two capacitors (CTH, and
CAGC) and the reference frequency device, usually a
quartz crystal. An additional five components may be
used to improve performance. These are: power supply
decoupling capacitor, two components for the matching
network and two components for the pre-selector band
pass filter.
Receiver Operation
LNA
The RF input signal is AC-coupled into the gate circuit of
the grounded source LNA input stage. The LNA is a
Cascoded NMOS.
Mixers and Synthesizer
The LO ports of the Mixers are driven by quadrature
local oscillator outputs from the synthesizer block. The
local oscillator signal from the synthesizer is placed on
the low side of the desired RF signal. This allows
suppression of the image frequency at twice the IF
frequency below the wanted signal. The local oscillator
is set to 32 times the crystal reference frequency via a
phase-locked loop synthesizer with a fully integrated
loop filter.
Image Reject Filter and Band-Pass Filter
The IF ports of the mixer produce quadrature down
converted IF signals. These IF signals are low-pass
filtered. This removes higher frequency products prior to
the image reject filter where they are combined to reject
the image frequencies. The IF signal then passes
through a third order band pass filter. The IF center
frequency is 0.86MHz. The IF BW is 235KHz @
315MHz, this will vary with RF operating frequency. The
IF BW can be calculated via direct scaling:
BWIF = BWIF@315MHz ×
⎟
⎠
⎞
⎜
⎝
⎛
315
(MHz)
Freq
Operating
These filters are fully integrated inside the MICRF213.
After filtering, four active gain controlled amplifier stages
enhance the IF signal to proper level for demodulation.
OOK Demodulator
The demodulator section is comprised of detector,
programmable
low
pass
filter,
slicer,
and
AGC
comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com