Electronic Components Datasheet Search
  English  ▼

X  

MICRF213 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF213
Description  3.3V, QwikRadio짰 315MHz Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF213 Datasheet HTML 8Page - Micrel Semiconductor MICRF213 Datasheet HTML 9Page - Micrel Semiconductor MICRF213 Datasheet HTML 10Page - Micrel Semiconductor MICRF213 Datasheet HTML 11Page - Micrel Semiconductor MICRF213 Datasheet HTML 12Page - Micrel Semiconductor MICRF213 Datasheet HTML 13Page - Micrel Semiconductor MICRF213 Datasheet HTML 14Page - Micrel Semiconductor MICRF213 Datasheet HTML 15Page - Micrel Semiconductor MICRF213 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Micrel, Inc.
MICRF213
May 2007
15
M9999-052307-A
(408) 944-0800
QR213HE1 Bill of Materials, 315MHz
Item
Part Number
Manufacturer
Description
Qty.
ANT1
Helical PCB Antenna Pattern
1
ANT2
(np)50
Ω Ant
230mm 20 AWG, rigid wire
1
C3
MuRata
(1)
1.8pF, 0402/0603
1
C4
Murata
(1) / Vishay(2)
4.7µF, 0603/0805
1
C5
Murata
(1) / Vishay(2)
0.1µF, 0402/0603
1
C6
Murata
(1) / Vishay(2)
0.47µF, 0402/0603
1
C8
Murata
(1)
6.8pF, 0402/0603
1
C9
Murata
(1)
1.2pF, 0402/0603
1
JP1,JP
2
Vishay
(2)
short, 0402, 0
Ω resistor
2
JP3
open, 0402, not placed
1
J2
(np) not placed
1
J3
CON6
1
L1
Coilcraft
(3) / Murata(1) / ACT1(4)
39nH 5%, 0402/0603
1
L2
Coilcraft
(3) / Murata(1) / ACT1(4)
68nH 5%, 0402/0603
1
L3
Coilcraft
(3) / Murata(1) / ACT1(4)
75nH 2%, 0402/0603
1
R1,R2
(np) 0402, not placed
2
R3
Vishay
(2)
100k
Ω, 0402
1
Y1
HCM49
HIB
(5)
(np)9.81563MHz Crystal
1
Y1A
HC49
HIB
(5)
9.81563MHz Crystal
1
U1
MICRF213AYQS
Micrel Inc.
(6)
3.3V, QwikRadio
® 315MHz Receiver
1
Notes:
1. Murata: www.murata.com
2. Vishay: www.vishay.com
3. Coilcraft: www.coilcraft.com
4. ACT1: www.act1.com
5. HIB: www.hib.com.br
6. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com