Electronic Components Datasheet Search
  English  ▼

X  

MICRF213 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF213
Description  3.3V, QwikRadio짰 315MHz Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF213 Datasheet HTML 1Page - Micrel Semiconductor MICRF213 Datasheet HTML 2Page - Micrel Semiconductor MICRF213 Datasheet HTML 3Page - Micrel Semiconductor MICRF213 Datasheet HTML 4Page - Micrel Semiconductor MICRF213 Datasheet HTML 5Page - Micrel Semiconductor MICRF213 Datasheet HTML 6Page - Micrel Semiconductor MICRF213 Datasheet HTML 7Page - Micrel Semiconductor MICRF213 Datasheet HTML 8Page - Micrel Semiconductor MICRF213 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel, Inc.
MICRF213
May 2007
4
M9999-052307-A
(408) 944-0800
Symbol
Parameter
Condition
Min
Typ
Max
Units
Demodulator
CTH Source Impedance
FREFOSC = 9.81563MHz
165
k
Ω
CTH Leakage Current
TA = 25ºC
TA = +105ºC
±2
±800
nA
nA
SEL0=0, SEL1=0
1180
SEL0=1, SEL1=0
2360
SEL0=0, SEL1=1
4720
Demodulator Filter
Bandwidth @ 315MHz
(Programmable, see
application section)
SEL0=1, SEL1=1
9400
Hz
Digital / Control Functions
DO pin output current
As output
source @ 0.8Vdd
sink @ 0.2Vdd
260
600
µA
Output rise and fall times
CI = 15pF, pin DO, 10-90%
2
µsec
RSSI
RSSI DC Output Voltage
Range
-110dBm to -50dBm
0.4 – 1.9
V
RSSI response slope
-110dBm to -50dBm
25
mV/dB
RSSI Output Current
400
µA
RSSI Output Impedance
±15
200
Ω
RSSI Response Time
50% data duty cycle, input power to Antenna = -
20 dBm
0.3
Sec
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside of its operating rating.
3.
Device is ESD sensitive. Use appropriate ESD precautions. Exceeding the absolute maximum rating may damage the device.
4.
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10-2 BER (bit error rate). The input signal is
defined as a return-to-zero (RZ) waveform with 50% average duty cycle (Manchester encoded) at a data rate of 1kbps.
5.
When data burst does not contain preamble, duty cycle is defined as total duty cycle, including any “quiet” time between data bursts. When
data bursts contain preamble sufficient to charge the slice level on capacitor C , then duty cycle is the effective duty cycle of the burst alone.
[For example, 100msec burst with 50% duty cycle, and 100msec “quiet” time between bursts. If burst includes preamble, duty cycle is
Ton/(Ton+Toff) = 50%; without preamble, duty cycle is Ton/(Ton+ Toff + Tquiet) = 50msec/(200msec)=25%. Ton is the (Average number of
1’s/burst) x bit time, and Toff = Tburst -Ton.)
TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com