Electronic Components Datasheet Search
  English  ▼

X  

MICRF213 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF213
Description  3.3V, QwikRadio짰 315MHz Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF213 Datasheet HTML 4Page - Micrel Semiconductor MICRF213 Datasheet HTML 5Page - Micrel Semiconductor MICRF213 Datasheet HTML 6Page - Micrel Semiconductor MICRF213 Datasheet HTML 7Page - Micrel Semiconductor MICRF213 Datasheet HTML 8Page - Micrel Semiconductor MICRF213 Datasheet HTML 9Page - Micrel Semiconductor MICRF213 Datasheet HTML 10Page - Micrel Semiconductor MICRF213 Datasheet HTML 11Page - Micrel Semiconductor MICRF213 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Micrel, Inc.
MICRF213
May 2007
8
M9999-052307-A
(408) 944-0800
Application Information
+3.3V
C3
1.8pF
ANT2
C6
0.47µF
Y1
9.81563MHz
C8
6.8pF
U1 MICRFAYQS
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
RO1
GNDRF
ANT
GNDRF
VDD
SQ
SEL0
SHDN
GND
DO
SEL1
CTH
CAGC
RSSI
NC
RO2
J2
(np)SMA
L2
68nH 5%
DO
RSSI
C4
4.7µF
R2
(np)
+3.3V
R1
(np)
JR2
short
R3
JP3
open
JP1
short
C5
0.1µF
C9
ANT1
Helical PCB Antenna Pattern
L1
39nH 5%
6
5
4
3
2
1
RSSI
SH
NC
D0
GND
+3.3V
+3.3V
DO
SH
RSSI
L3
75nH 2%
Figure 3. QR213HE1 Application Example, 315MHz
The MICRF213 can be fully tested by using one of the
many evaluation boards designed by Micrel and
intended for use with this device. As an entry level,
the QR213HE1 (reference Figure 3) offers a good
start for most applications. It has a helical PCB
antenna with its matching network, a band-pass-filter
front-end as a pre-selector filter, matching network
and the minimum components required to make the
device work. The minimum components are a crystal,
Cagc, and Cth capacitors. By removing the matching
network of the helical PCB antenna (C9 and L3), a
whip antenna (ANT2) or a RF connector (J2) can be
used instead. Figure 3 shows the entire schematic for
315MHz. Other frequencies can be used and the
values needed are listed in the tables below.
Capacitor C9 and inductor L3 are the passive
elements for the helical PCB matching network. It is
recommended that a tight tolerance be used for these
devices; such as 2% for the inductor and 0.1pF for the
capacitor. PCB variations may require different values
and optimization. Table 2 shows the matching
elements
for
the
device
frequency
range.
For
additional information, reference the: Small PCB
Antennas for Micrel RF Products application note.
Freq (MHz)
C9 (pF)
L3 (nH)
303.825
1.2
82
315
1.2
75
345
1.2
62
Table 2. Matching Values for the Helical PCB Antenna
To use another antenna, such as the whip kind, remove
C9 and place the whip antenna in the hole provided in
the PCB. Also, a RF signal can be injected there.
L1 and C8 form the pass-band-filter front-end. Its
purpose is to attenuate undesired outside band noise
which
reduces
the
receiver
performance.
It
is
calculated
by
the
parallel
resonance
equation
f = 1/(2*PI*(SQRT(L1*C8)). Table 3 shows the most
used frequency values.
Freq (MHz)
C8 (pF)
L1 (nH)
303.825
6.8
39
315
6.8
39
345
5.6
39
Table 3. Band-Pass-Filter Front-End Values
There is no need for the band-pass-filter front-end for
applications where it is proven the outside band noise
does not cause a problem. The MICRF213 has image
reject mixers which improve significantly the selectivity
and rejection of outside band noise.
Capacitor C3 and inductor L2 form the L-shape
matching network. The capacitor provides additional
attenuation for low frequency outside band noise and
the inductor provides additional ESD protection for the
antenna pin. Two ways can be used to find these
values, which are matched close to 50
Ω. One method
is done by calculating the values using the equations
below and another by using a Smith chart. The latter
is made easier by using software that plots the values
of the components C8 and L1, like WinSmith by Noble
Publishing.
To calculate the matching values, one needs to know
the input impedance of the device. Table 4 shows the
input impedance of the MICRF213 and the suggested
matching values used for the most frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com