Electronic Components Datasheet Search
  English  ▼

X  

MICRF213 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF213
Description  3.3V, QwikRadio짰 315MHz Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF213 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF213 Datasheet HTML 1Page - Micrel Semiconductor MICRF213 Datasheet HTML 2Page - Micrel Semiconductor MICRF213 Datasheet HTML 3Page - Micrel Semiconductor MICRF213 Datasheet HTML 4Page - Micrel Semiconductor MICRF213 Datasheet HTML 5Page - Micrel Semiconductor MICRF213 Datasheet HTML 6Page - Micrel Semiconductor MICRF213 Datasheet HTML 7Page - Micrel Semiconductor MICRF213 Datasheet HTML 8Page - Micrel Semiconductor MICRF213 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MICRF213
3.3V, QwikRadio
® 315MHz Receiver
QwikRadio is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2007
M9999-052307-A
(408) 944-0800
General Description
The MICRF213 is a general purpose, 3.3V QwikRadio
Receiver that operates at 315MHz with typical sensitivity
of -110dBm.
The
MICRF213
functions
as
a
super-heterodyne
receiver for OOK and ASK modulation up to 7.2kbps.
The
down-conversion
mixer
also
provides
image
rejection. All post-detection data filtering is provided on
the MICRF213. Any one of four filter bandwidths may be
selected externally by the user using binary steps (from
1.18kHz to 9.44kHz, Manchester Encoded). The user
need only configure the device with a set of easily
determined
values,
based
upon
data
rate,
code
modulation format, and desired duty-cycle operation.
Features
• Up to –110dBm sensitivity, 1kbps and BER 10E-02
• Image Rejection Mixer
• Frequency from 300MHz to 350MHz
• Low current consumption: 3.9mA @ 315MHz,
continuous on data rates to 7.2kbps (Manchester
Encoded)
• Analog RSSI Output
• No IF filter required
• Excellent selectivity and noise rejection
• Low external part count
Ordering Information
Part Number
Temperature Range
Package
MICRF213AYQS
–40° to +105°C
16-Pin QSOP
Typical Application
+3.3V
C6
0.47µF
C3
1.8pF
ANT1
230 mm (9.1 inches)
C4
4.7µF
Y1
9.81563MHz
C8
6.8pF
U1 MICRFAYQS
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
RO1
GNDRF
ANT
GNDRF
VDD
SQ
SEL0
SHDN
GND
DO
SEL1
CTH
CAGC
RSSI
NC
RO2
C5
0.1µF
L1
39nH
L2
68nH
DO
315MHz, 1kHz Baud Rate Example


Similar Part No. - MICRF213

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF213AYQS MICREL-MICRF213AYQS Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
More results

Similar Description - MICRF213

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF211 MICREL-MICRF211 Datasheet
933Kb / 18P
3V, QwikRadio짰 433.92 MHz Receiver
MICRF218 MICREL-MICRF218 Datasheet
1Mb / 24P
3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF002 MICREL-MICRF002_08 Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
MICRF007 MICREL-MICRF007_04 Datasheet
775Kb / 13P
QwikRadio짰 Low-Power UHF Receiver
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com