Electronic Components Datasheet Search
  English  ▼

X  

AN221D04-DEVLP Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AN221D04-DEVLP
Description  Dynamically Reconfigurable FPAA With Enhanced I/O
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AN221D04-DEVLP Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AN221D04-DEVLP Datasheet HTML 8Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 9Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 10Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 11Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 12Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 13Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 14Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 15Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AN221E04 Datasheet – Dynamically Reconfigurable FPAA With Enhanced I/O
DS030100-U006a - 12 -
CAB (Configurable Analog Block) Differential Operational Amplifier
Parameter
Symbol
Min
Typ
Max
Unit
Comment
High Precision Input/Output
Range c
Vinouta
0.5
-
3.5
V
VMR +/- 1.5v
Standard Precision Input/Output
Range d
Vinouta
0.1
-
3.9
V
VMR +/-1.9v
High Precision.
Differential Input/Output c
Vdiffioa
-
-
+/-3.0
V
Common mode voltage = 2 V
Standard Precision
Differential Input/Output d
Vdiffioa
-
-
+/-3.8
V
Common mode voltage = 2 V
Common Mode Input Voltage
Range d
Vcm
0
2.0
4
V
Common Mode Output Voltage
Range
Vcm
1.9
2.0
2.1
V
Equivalent Input Voltage Offset.
Voffset
0.1
5
15
mV
Some CAMs (Configurable
Analog Modules) can inherently
compensate
Offset Voltage Temperature
Coefficient
Voffsettc
-
1
10
µV/°C
from -40°C to 125°C some
CAMs (Configurable Analog
Modules) can inherently
compensate
Power Supply Rejection Ratio
PSSR
-
80
-
dB
Variation between CAMs is
expected because of variations
in architecture
Common Mode Rejection Ratio
CMRR
-
77
-
dB
Example 1 GainInv CAM
CAM clock = 1MHz
CAM parameter settings
Gain = 1
Common Mode Rejection Ratio
CMRR
-
60
-
dB
Example 2 Filterbiquad
Setting = Low pass filter
CAM clock = 1MHz
CAM parameter settings
Gain = 1,
Corner frequency = 50KHz
Quality Factor = 0.707
Differential Slew Rate, Internal
Slew
-
50
-
V/µsec
Applicable when the OpAmp
load is internal to the FPAA
Differential Slew Rate, External
Slew
-
10
-
V/µsec
Applicable when the OpAmp
driving signal out of the FPAA
package
Unity Gain Bandwidth,
Full Power Mode.
UGB
-
50
-
MHz
Applicable when sourcing and
loading the OpAmp with a load
internal to the FPAA
Input Impedance, Internal
Rin
10
-
-
Mohm
Output Impedance, Internal
Rout
-
-
-
Ohms
The OpAmp output is designed
to drive all internal nodes, these
are dominantly capacitive loads
Output Impedance, External
Rout
-
-
-
Ohms
Output to an FPAA output pin
(ouput cell bypass mode). This
variable is influenced by CAB
capacitor size, CAB clock
frequency and CAB architecture
Output Load, External c e
Rload
0.1
-
-
Mohm
Output Load, External c e
Cload
-
-
50
pF
Output Load, External d e f
Rload
1
10
-
Kohm
Additional loading causes
internal voltage drops across
output stage and series
resistances
The output stage has a small
signal output impedance of
approx 10ohm
Output Load, External d e f
Cload
-
-
50
pF
Noise Figure g
Noise
-
0.13
-
µV/sqrtHz
Example1 GainInv CAM
CAM clock = 1MHz
Gain = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com