Electronic Components Datasheet Search
  English  ▼

X  

AN221D04-DEVLP Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AN221D04-DEVLP
Description  Dynamically Reconfigurable FPAA With Enhanced I/O
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AN221D04-DEVLP Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AN221D04-DEVLP Datasheet HTML 9Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 10Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 11Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 12Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 13Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 14Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 15Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 16Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN221E04 Datasheet – Dynamically Reconfigurable FPAA With Enhanced I/O
DS030100-U006a - 13 -
Signal-To Noise Ratio and
Distortion g
SINAD
-
80
-
dB
Input signal=1400 mV p-p
differential
Audio frequency range
Example. GainInv CAM
CAM clock = 1MHz
Gain = 1
Spurious Free Dynamic Range g
SFDR
-
92
-
dB
Input signal=1400 mV p-p
differential,
Audio frequency range
Example. GainInv CAM
CAM clock = 1MHz
Gain = 1
c. High precision operating range provides optimal linearity and dynamic range.
d. Standard precision operating range provides maximum dynamic range and reduced linearity.
e. The maximum load for an analog output is 50 pF || 100 Kohms. This load may be with respect to analog ground VMR or AVSS.
f. Using the FPAA with CAB Op Amp’s driving directly off-chip, requires care, full characterization of the performance of each application
circuit by the circuit designer is necessary.
g. This specification parameter can only be characterized when a circuit topology is configured onto the CAB differential amplifier architecture.
The figure provided here is an representative on the performance of one specific CAM, as specified in the comments.
The idealized open loop gain plot is provided for
information only. This information is associated with the
FPAA in full power mode of operation. The FPAA
operation amplifier open loop gain cannot be observed
nor used when associated with external connections to
the device. Internal reprogrammable routing impedances
and switched capacitor circuit architecture using this
operational amplifier limit the effective usable bandwidth
of a circuit realized in the FPAA to less than 2MHz.
Idealized CAB Op Am p, Open Loop Gain [dB]
-20
-10
0
10
20
30
40
50
60
70
80
90
0.1
10
1000
100000
Frequency (KHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com