Electronic Components Datasheet Search
  English  ▼

X  

AN221D04-DEVLP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AN221D04-DEVLP
Description  Dynamically Reconfigurable FPAA With Enhanced I/O
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AN221D04-DEVLP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AN221D04-DEVLP Datasheet HTML 1Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 2Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 3Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 4Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 5Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 6Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 7Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 8Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN221E04 Datasheet – Dynamically Reconfigurable FPAA With Enhanced I/O
DS030100-U006a
- 5 -
Detailed Digital I/O Interface Characteristics: Vdd = 5.0volts
LCCb
Parameter
Symbol
Min
Typ
Max
Unit
Comment
Output Voltage Low
Vol
Vss
-
150
mV
Load 20pF//50Kohm to Vss
Output Voltage High
Voh
4.5
-
Vdd
V
Load 20pF//50Kohm to Vss
Max. Capacitive Load
Cmax
-
-
20
pF
Maximum load 20 pF // 50 Kohm
Min. Resistive Load
Rmin
50
-
-
Kohm
Maximum load 20 pF // 50 Kohm
Current Sink
Isnkmax
-
-
15
mA
LCCb pin shorted to Vdd
Current Source
Isrcmax
-
-
4
mA
LCCb pin shorted to Vss
CFGFLG, ACTIVATE
Parameter
Symbol
Min
Typ
Max
Unit
Comment
Input Voltage Low
Vil
0
30
%
% of DVDD
Input Voltage High
Vih
70
100
%
% of DVDD
Output Voltage Low
Vol
Vss
-
85
mV
Pin load =
Internal pullup + 20pF//50K to Vss
Output Voltage High
Voh
4.5
-
Vdd
V
Pin load =
Internal pullup + 20pF//50K to Vss
Output Voltage Low
Vol
Vss
-
200
mV
Pin Load =
External 5K ohm pullup +
20pF//50K to Vss
Output Voltage High
Voh
4.5
-
Vdd
V
Pin Load =
External 5Kohm pullup +
20pF//50K to Vss
Max. Capacitive Load
Cmax
-
-
50
pF
Maximum load 50 pF // 50 Kohm
Min. Resistive Load
Rmin
50
-
-
Kohm
Maximum load 50 pF // 50 Kohm
Current Sink
Isnkmax
-
-
2.5
mA
Pin shorted to Vdd
Current Source
Isrcmax
-
-
200
µA
Pin shorted to Vss
External Resistive Pullup
Rpullupext
5
7.5
10
Kohm
Use only if internal pullup is
deselected
ERRb
Parameter
Symbol
Min
Typ
Max
Unit
Comment
Input Voltage Low
Vil
0
30
%
% of DVDD
Input Voltage High
Vih
70
100
%
% of DVDD
Output Voltage Low
Vol
Vss
-
50
mV
Output Voltage High
Voh
4.9
-
Vdd
V
Max. Capacitive Load
Cmax
-
-
50
pF
Maximum load 50 pF // 50 Kohm
Min. Resistive Load
Rmin
50
-
-
Kohm
Maximum load 50 pF // 50 Kohm
Current Sink
Isnkmax
-
-
10
mA
Current Source
Isrcmax
-
-
0
µA
External Resistive Pullup
Rpullupext
10
10
10
Kohm
DCLK,Mode,DIN,EXECUTE,PORb,CS1b,CS2b
Parameter
Symbol
Min
Typ
Max
Unit
Comment
Input Voltage Low
Vil
0
-
30
%
% of DVDD
Input Voltage High
Vih
70
-
100
%
% of DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com