Electronic Components Datasheet Search
  English  ▼

X  

AN221D04-DEVLP Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AN221D04-DEVLP
Description  Dynamically Reconfigurable FPAA With Enhanced I/O
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AN221D04-DEVLP Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AN221D04-DEVLP Datasheet HTML 13Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 14Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 15Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 16Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 17Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 18Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 19Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 20Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AN221E04 Datasheet – Dynamically Reconfigurable FPAA With Enhanced I/O
DS030100-U006a - 19 -
Power Supply Rejection Ratio (PSRR) Measurements
The following plots give an indication of the PSRR for some representative CAMs.
AVDD to Power Supply (PS): 5v +/- 0.25v sinusoidal waveform (100 kHz to 1 MHz)
INPUT AMP PSRR [dB]
20.00
30.00
40.00
50.00
60.00
70.00
80.00
DC
100
1KHz
10KHz
100KHz
1M Hz
INPUT LPF PSRR [dB]
20.00
30.00
40.00
50.00
60.00
70.00
80.00
DC
15
50
100
1KHz
10KHz 100KHz 1M Hz
VMR, Vref+, Vref-
PSRR [dB]
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
DC
100
1KHz
10KHz
100KHz
1M Hz
PSRR_VMR [ dB]
PSRR_VREFP [ dB]
PSRR_VREFP [ dB]
OUTPUT Voltage Mode + LPF PSRR [dB]
20.00
30.00
40.00
50.00
60.00
70.00
80.00
DC
100
1KHz
10KHz
100KHz
1M Hz
GAININV_1MHz PSRR [dB]
20
30
40
50
60
70
80
90
100
DC
50
100
1KHz
10KHz
100KHz
1M Hz
GAININV_4MHz PSRR [dB]
20
30
40
50
60
70
80
90
100
100
1KHz
10KHz
100KHz
1M Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com