Electronic Components Datasheet Search
  English  ▼

X  

AN221D04-DEVLP Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AN221D04-DEVLP
Description  Dynamically Reconfigurable FPAA With Enhanced I/O
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AN221D04-DEVLP Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AN221D04-DEVLP Datasheet HTML 13Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 14Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 15Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 16Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 17Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 18Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 19Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 20Page - List of Unclassifed Manufacturers AN221D04-DEVLP Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AN221E04 Datasheet – Dynamically Reconfigurable FPAA With Enhanced I/O
DS030100-U006a - 21 -
Measured THD for input and output cells (with a differential input 4V p-p, 660Hz)
Settings
Distortion in dB
Input cell with anti-aliasing filter set at fC = 470 kHz
81.6
Output cell with differential to single ended converter and output smoothing filter set at fC = 470 kHz
82
Signal and Noise for a representative CAM – Gaininv CAM (input signal of 700mV p-p differential at 10 kHz)
Signal to Noise: 108 dB, at 528 kHz, 3Hz BW
As above, zoom to lower frequency
THD for a representative CAM –
Gaininv CAM (with a differential
input 4V p-p, 660Hz)
CAM Clock
Frequency
Distortion
(dB)
250 KHz
80.00
1 MHz
72.83
2 MHz
69.22
4 MHz
73.48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com